Electronic Components Datasheet Search
  English  ▼

X  

ADRF6658 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6658
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6658 Datasheet HTML 19Page - Analog Devices ADRF6658 Datasheet HTML 20Page - Analog Devices ADRF6658 Datasheet HTML 21Page - Analog Devices ADRF6658 Datasheet HTML 22Page - Analog Devices ADRF6658 Datasheet HTML 23Page - Analog Devices ADRF6658 Datasheet HTML 24Page - Analog Devices ADRF6658 Datasheet HTML 25Page - Analog Devices ADRF6658 Datasheet HTML 26Page - Analog Devices ADRF6658 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADRF6658
Rev. A | Page 23 of 31
REGISTER 13
Control Bits
Program Register 13 by setting Bits[C4:C1] to 1101. This
register controls the built in phase-locked loop (PLL)
synthesizer. Figure 40 shows the input data format for
programming this register.
Mixer LO Bias Current
Bits[DB26:DB25] set the value of the bias current of the mixer
LO inputs.
Mixer V to I Converter Bias Current
Bits[DB24:DB22] set the value of the V to I converter bias
current (IBIAS) used on the mixer LO input.
Mixer V to I CDAC
Bits[DB17:DB13] set the value of CDAC bits that determines
the capacitance component in the distortion correction circuit.
These bits optimize the linearity correction in the mixer V to I
converter as a function of RF frequency.
RF Balun Input Cutoff
Bits[DB12:DB10] select the input cutoff frequency of the balun
on the RF mixer input.
RF Balun Output Cutoff
Bits[DB9:DB7] select the output cutoff frequency of the balun
on the RF mixer input.
Mixer A Enabled
Bit DB5 powers up or switches off the mixer in Channel A. This
option enables power saving if the mixer is not being used in
the circuit.
Switching off Mixer A changes the supply current for this mixer
from 80 mA to 5 mA.
Mixer B Enabled
Bit DB4 powers up or switches off the mixer in Channel B. This
option enables power saving if the mixer is not being used in
the circuit.
Switching off Mixer B changes the supply current for this mixer
from 80 mA to 5 mA.
Figure 40. Register 13 (R13)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
0MB5 MB4
MB3
CONTROL BITS
MB2
MB1
0000
MC5
MC4
MC3
MC2 MC1
IC3
IC2
IC1
OC3 OC2 OC1
0
MAE MBE
C3(1) C2(0) C1(1)
C4(1)
0
0
0
RESERVED
RESERVED
MIXER
LO
IBIAS
MIXER
V TO I
IBIAS
MIXER
V TO I
CDAC
RF BALUN
INPUT
CUT OFF
RF BALUN
OUTPUT
CUT OFF
MBE
MIXER B
ENABLED
0
DISABLED
1
ENABLED
MAE
MIXER A
ENABLED
0
DISABLED
1
ENABLED
IC3
IC2
IC1
RF BALUN INPUT CU T-OFF
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
OC3 OC2
OC1
RF BALUN OUTPUT CUT-OFF
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
MB4 MIXER LO
BIAS CURRENT
MB5
0
0
1
1
0
1
0
1
200µA
300µA
500µA
700µA
MB3 MB2
MB1
00
1
1.0mA
01
0
1.5mA
01
1
1.7mA
10
0
2.0mA
10
1
2.3mA
1
1
0
RESERVED
1
1
1
RESERVED
00
1
0.5mA
MIXER VOLTAGE-TO-CURRENT
CONVERTER BIAS CURRENT
MC3 MC2
MC1
00
1
1
01
0
2
01
1
3
...
...
...
...
10
1
29
11
0
30
11
1
31
00
0
0
MIXER VOLTAGE-TO-CURRENT
CDAC
MC4
0
0
0
...
1
1
1
0
MC5
0
0
0
...
1
1
1
0
ABOVE 1.78GHz
ABOVE 1.78GHz
1.40GHz TO 1.78GHz
1.18GHz TO 1.40GHz
1.03GHz TO 1.18GHz
0.91GHz TO 1.03GHz
0.84GHz TO 0.91GHz
0.77GHz TO 0.84GHz
BELOW 0.77GHz
1.40GHz TO 1.78GHz
1.18GHz TO 1.40GHz
1.03GHz TO 1.18GHz
0.91GHz TO 1.03GHz
0.84GHz TO 0.91GHz
0.77GHz TO 0.84GHz
BELOW 0.77GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com