Electronic Components Datasheet Search
  English  ▼

X  

ADRF6658 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6658
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6658 Datasheet HTML 16Page - Analog Devices ADRF6658 Datasheet HTML 17Page - Analog Devices ADRF6658 Datasheet HTML 18Page - Analog Devices ADRF6658 Datasheet HTML 19Page - Analog Devices ADRF6658 Datasheet HTML 20Page - Analog Devices ADRF6658 Datasheet HTML 21Page - Analog Devices ADRF6658 Datasheet HTML 22Page - Analog Devices ADRF6658 Datasheet HTML 23Page - Analog Devices ADRF6658 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADRF6658
Data Sheet
Rev. A | Page 20 of 31
REGISTER 6
Control Bits
Program Register 6 by setting Bits[C4:C1] to 0110. Figure 33
shows the input data format for programming this register.
Daisy-Chain Enable
To enable daisy-chain mode for programming multiple devices,
set Bit DB20 to 1. This feature is described in detail in the
Daisy-Chain Mode section. Programming this bit to 0 disables
this feature.
Local Oscillator Input Buffer Standby Mode
Bit DB15 controls the standby mode of the buffer on the LO
input when both channels are disabled by pins CHAEN and
CHBEN. In this case, if the LOIN standby bit is programmed to
0, the buffer on the LO input is in low power mode. When this
bit is set to 1 while both channels are disabled, the buffer on the
LO input works in normal mode, ensuring a shorter time of
return to normal operation mode after any of the channels are
enabled.
Bit DB8 controls the power up of the LO buffer. If DB8 is set to
0, the LO buffer is disabled.
Bit DB10 provides direct control of the LO buffer power modes.
Set this bit to 1 for normal mode, and 0 for standby mode.
In normal operation mode, the LO input buffer typically
consumes about 20 mA. In standby mode, this current is
reduced to 6 mA.
Figure 33. Register 6 (R6)
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
0
CONTROL BITS
0
0
0
DCE
0
0
1
0
LOS
0
0
1
0
PLB
0
PLI
0
0
0
0
C3(1) C2(1) C1(0)
C4(0)
0
0
1
DCE
DAISY-CHAIN
ENABLE
0
DISABLED
1
ENABLED
RESERVED
RESERVED
RESERVED
LOS
LOIN BUFFER
0
LOW POWER MODE
1
ENABLED FOR NORMAL OPERATION
STANDBY
PU LO BIAS
POWER UP LO
0
DISABLED
1
ENABLED FOR NORMAL OPERATION
BUFFER BIAS (BAND-GAP)
PU LO IN
POWER-UP LO
0
DISABLED
1
ENABLED FOR NORMAL OPERATION
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com