Electronic Components Datasheet Search
  English  ▼

X  

ADRF6658 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6658
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6658 Datasheet HTML 15Page - Analog Devices ADRF6658 Datasheet HTML 16Page - Analog Devices ADRF6658 Datasheet HTML 17Page - Analog Devices ADRF6658 Datasheet HTML 18Page - Analog Devices ADRF6658 Datasheet HTML 19Page - Analog Devices ADRF6658 Datasheet HTML 20Page - Analog Devices ADRF6658 Datasheet HTML 21Page - Analog Devices ADRF6658 Datasheet HTML 22Page - Analog Devices ADRF6658 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
ADRF6658
Rev. A | Page 19 of 31
REGISTER 5
Control Bits
Program Register 5 by setting Bits[C4:C1] to 0101. Figure 32
shows the input data format for programming this register.
Readback Address
The readback address bits, Bits[DB31:DB28], determine which
register content is read on the SDO output. Readback
functionality is explained in the Readback section.
SDO Output Level
Bit DB24 changes the logic level of the SDO output. When
programmed to 0, the SDO output is compatible with a 1.8 V
logic. When set to 1, the SDO output uses 3.3 V as the high
level.
Figure 32. Register 5 (R5)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RA1
0
0
0
SDL
RESERVED
CONTROL BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(0) C1(1)
C4(0)
RA2
RA3
RA4
RESERVED
SDL
SDO OUTPUT
LOGIC LEVEL
0
1.8V
1
3.3V
READBACK
ADDRESS
RA2
RA1
READBACK ADDRESS
0
0
REGISTER 0
0
1
REGISTER 1
1
0
REGISTER 2
1
1
REGISTER 3
0
0
REGISTER 4
0
1
REGISTER 5
REGISTER 14
1
1
REGISTER 15
RA4
RA3
0
0
0
0
0
0
0
1
0
0
0
1
1
1
REGISTER 6
REGISTER 7
1
0
1
1
0
0
1
1
0
0
REGISTER 8
0
1
REGISTER 9
1
0
REGISTER 10
1
1
REGISTER 11
0
0
REGISTER 12
1
1
1
1
1
0
0
0
0
1
REGISTER 13
0
1
1
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com