Electronic Components Datasheet Search
  English  ▼

X  

ADRF6658 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6658
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6658 Datasheet HTML 1Page - Analog Devices ADRF6658 Datasheet HTML 2Page - Analog Devices ADRF6658 Datasheet HTML 3Page - Analog Devices ADRF6658 Datasheet HTML 4Page - Analog Devices ADRF6658 Datasheet HTML 5Page - Analog Devices ADRF6658 Datasheet HTML 6Page - Analog Devices ADRF6658 Datasheet HTML 7Page - Analog Devices ADRF6658 Datasheet HTML 8Page - Analog Devices ADRF6658 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Wideband, Dual Rx Mixers
with Integrated IF Amplifiers
Data Sheet
ADRF6658
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband, dual-channel, active downconversion mixers
Low distortion, fast settling, IF DGAs
RF input frequency range: 690 MHz to 3.8 GHz
Programmable baluns on RF inputs
For RF = 1950 MHz, IF = 281 MHz, high linearity mode
Voltage conversion gain, including IF filter loss:
−5 dB to +26.5 dB
Input IP3: 29 dBm at minimum DGA gain
Input P1dB: 12 dBm at minimum DGA gain
SSB NF: 13 dB at maximum DGA gain
Output IP3: 40 dBm at maximum DGA gain
Output P1dB: 19 dBm at maximum DGA gain
Channel isolation: 52 dB
Differential and single-ended LO input modes
Differential IF output impedance: 100 Ω
Flexible power-down modes for low power operation
Power-up time after enabling channels: 100 ns, typical
Programmable via a 3-wire serial port interface (SPI)
Single 3.3 V supply
High linearity mode: 440 mA
Low power mode: 260 mA
APPLICATIONS
Cellular base stations and wireless infrastructure receivers
(W-CDMA, TD-SCDMA, WiMAX, GSM, LTE, PCS, DCS, DECT)
Active antenna systems
PTP radio link down converters
Wireless LANs and CATV equipment
GENERAL DESCRIPTION
The ADRF6658 is a high performance, low power, wideband,
dual-channel radio frequency (RF) downconverter with
integrated intermediate frequency (IF) digitally controlled
amplifiers (DGAs) for wideband, low distortion base station
radio receivers.
The dual Rx mixers are doubly balanced Gilbert cell mixers
with high linearity and excellent image rejection. Both mixers
convert 50 Ω RF inputs to open-collector broadband IF outputs.
Internal tunable baluns on the RF inputs enable suppression of
RF signal harmonics and attenuation of out-of-band signals
before the mixer inputs, reducing input reflections and out-of-
band interference signals. A flexible local oscillator (LO)
architecture allows the use of differential or single-ended LO
signals.
The dual-channel IF DGAs are based on the ADL5201 and
ADL5202 and have a fixed, differential output impedance of
100 Ω. The gain is adjustable over a 31.5 dB range with a 0.5 dB
step size via the on-chip SPI, or through independent, 6-bit
parallel ports that support latch functionality. Each channel,
from the mixer inputs to the IF amplifier outputs, together with
an LC interstage band-pass filter, achieves a maximum voltage
conversion gain of 26.5 dB.
Fabricated with the Analog Devices, Inc., high speed SiGe
process, the ADRF6658 is available in a compact, 7 mm ×
7 mm, 48-lead LFCSP package, and operates over the −40°C to
+105°C temperature range.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
MIXA
MIXB
+22dB
ADRF6658
100
Ω
+22dB
0dB TO 31.5dB
100
Ω
MIXAVDD
AGND
MIXARFIN
MIXBRFIN
DVDD
MIXBVDD
LOIN+
LOIN–
LOVDD
DATA
MIXBOUT+ MIXBOUT–
DGAAVDD
IFBOUT+
IFBOUT–
LE
MIXAOUT+ MIXAOUT–
IFAOUT+
IFAOUT–
SDO
B0 TO B5
A0 TO A5
LATCH A
0dB TO 31.5dB
CLK
CONTROL
REGISTERS
LATCHA
LATCHB
DGAAIN– DGAAIN+
DGABIN– DGABIN+
CHAEN
CHBEN
LATCH B
DGABVDD


Similar Part No. - ADRF6658

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6655 AD-ADRF6655 Datasheet
1Mb / 44P
Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results

Similar Description - ADRF6658

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Anaren Microwave
250126 ANAREN-250126 Datasheet
178Kb / 1P
Mixers Quadrature IF
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
RF Micro Devices
RF2051 RFMD-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
logo
Qorvo, Inc
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com