Electronic Components Datasheet Search
  English  ▼

X  

ADRF6658 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6658
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6658 Datasheet HTML 1Page - Analog Devices ADRF6658 Datasheet HTML 2Page - Analog Devices ADRF6658 Datasheet HTML 3Page - Analog Devices ADRF6658 Datasheet HTML 4Page - Analog Devices ADRF6658 Datasheet HTML 5Page - Analog Devices ADRF6658 Datasheet HTML 6Page - Analog Devices ADRF6658 Datasheet HTML 7Page - Analog Devices ADRF6658 Datasheet HTML 8Page - Analog Devices ADRF6658 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADRF6658
Rev. A | Page 3 of 31
SPECIFICATIONS
MIXAVDD = MIXBVDD = DVDD = LOVDD = DGAAVDD = DGABVDD = 3.3 V ± 5%; AGND = 0 V. TA = TMIN to TMAX. The operating
temperature range = −40°C to +105°C. Parameters are measured on a standard test circuit with an IF filter; fRF = 1.95 GHz, RF input
power (PRF) = −10 dBm, fLO = 2.231 GHz, LO input power (PLO) = 0 dBm, and fIF = 281 MHz, using standard register settings. For IP2 and
IP3 measurements, fRF1 = 1.949 GHz and fRF2 = 1.951 GHz, maximum DGA gain, high linearity mode, unless otherwise noted. RSOURCE =
50 Ω, RLOAD = 100 Ω, differential.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
RF Input Frequency
690
3800
MHz
LO Power Level
−6
0
+6
dBm
LO Frequency
690
4100
MHz
CHANNEL CHARACTERISTICS
RF Input Return Loss
−12
dB
Register 13, Bits[DB12:DB7] programmed
according to RF frequency
IF Output Return Loss
−10
dB
Within IF filter passband
IF Lower Cutoff Frequency1
10
MHz
f−3dB, MIXxOUTy connected to DGAxINy through a
dc block capacitor
IF Upper Cutoff Frequency
520
MHz
f−3dB, MIXxOUTy connected to DGAxINy through a
dc block capacitor
Voltage Conversion Gain
26.5
dB
Maximum DGA gain
Voltage Conversion Gain
−5
dB
Minimum DGA gain
Input P1dB
High Linearity Mode
12
dBm
Register 13, Bits[DB24:DB22] = 4
Low Power Mode
4
dBm
Register 13, Bits[DB24:DB22] = 1
Second Order Input Intercept (IIP2)
49
dBm
PRF = 0 dBm per tone, minimum DGA gain, high
linearity mode
Third Order Input Intercept (IIP3)
PRF = 0 dBm per tone, minimum DGA gain
High Linearity Mode
29
dBm
Low Power Mode
17
dBm
SSB NF
High linearity mode
RF = 855 MHz
12.8
dB
RF = 1950 MHz
13
dB
RF = 3795 MHz
14.4
dB
With a 5 dBm Blocker
25
dB
LO to RF Leakage
−30
dBm
LO to IF Leakage
−40
dBm
RF to IF Leakage
−50
dBc
Relative to IF output level
2 LO − 2 RF
−55
dBc
3 LO − 3 RF
−55
dBc
IF Output and LO Leakage
Intermodulation Spur
−70
−100
dBc
fLO = 3.249 GHz, fRF = 3.5 GHz, IF DGA output power
(PIFOUT) = 9 dBm, fSPUR = 237 MHz and 265 MHz
Channel Isolation
52
dB
fRF = 1.95 GHz, fLO = 2.231 GHz, maximum DGA gain
Mixer V to I Bias Adjustment Effects
Register 13, Bits[DB24:DB22] changing from 4 to 1
Amplitude Variation
0.19
dB
Gain Step
0.5
dB
Gain Conformance Error
0.05
dB
Any two adjacent steps
Phase Conformance Error
0.5
Degrees
Any two adjacent steps
Output P1dB
19
dBm
Maximum DGA gain
Output IP3
40
dBm
Maximum DGA gain
Differential Output Impedance
100
Ω
Second Harmonic Level
−65
dBc
At 2 V p-p
Third Harmonic Level
−65
dBc
At 2 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com