Electronic Components Datasheet Search
  English  ▼

X  

MAX17521 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17521
Description  60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17521 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17521 Datasheet HTML 4Page - Maxim Integrated Products MAX17521 Datasheet HTML 5Page - Maxim Integrated Products MAX17521 Datasheet HTML 6Page - Maxim Integrated Products MAX17521 Datasheet HTML 7Page - Maxim Integrated Products MAX17521 Datasheet HTML 8Page - Maxim Integrated Products MAX17521 Datasheet HTML 9Page - Maxim Integrated Products MAX17521 Datasheet HTML 10Page - Maxim Integrated Products MAX17521 Datasheet HTML 11Page - Maxim Integrated Products MAX17521 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
All data measured on the Typical Application Circuit.
400μs/div
10V/div
STARTUP IN COINCIDENT TRACKING MODE,
1A LOAD ON BOTH OUTPUTS
VIN
1V/div
VOUT1
VOUT2
1V/div
TOC15
1ms/div
2V/div
STARTUP IN SEQUENTIAL TRACKING MODE,
1A LOAD ON BOTH OUTPUTS
VOUT1
5V/div
VOUT2
2V/div
5V/div
TOC16
100μs/div
100mV/div
5V OUTPUT,PWM MODE,
(LOAD CURRENT STEPPED FROM 0.5A—1A)
VOUT1
(AC)
500mA/div
IOUT
TOC17
100μs/div
100mV/div
3.3V OUTPUT,PWM MODE,
(LOAD CURRENT STEPPED FROM 0.5A—1A)
VOUT2
(AC)
500mA/div
IOUT2
TOC20
100μs/div
50mV/div
3.3V OUTPUT, PWM MODE,
(LOAD CURRENT STEPPED FROM 0—0.5A)
VOUT2
(AC)
200mA/div
IOUT2
TOC21
100μs/div
100mV/div
5V OUTPUT, PWM MODE,
(LOAD CURRENT STEPPED
FROM 0 TO 0.5A)
VOUT1
(AC)
200mA/div
IOUT1
TOC18
10ms/div
200mV/div
5V OUTPUT, PFM MODE,
(LOAD CURRENT STEPPED FROM 5mA—500mA)
VOUT1
(AC)
200mA/div
IOUT1
TOC19
Maxim Integrated │ 8
www.maximintegrated.com
MAX17521
60V, 1A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com