Electronic Components Datasheet Search
  English  ▼

X  

MAX17521 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17521
Description  60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17521 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17521 Datasheet HTML 9Page - Maxim Integrated Products MAX17521 Datasheet HTML 10Page - Maxim Integrated Products MAX17521 Datasheet HTML 11Page - Maxim Integrated Products MAX17521 Datasheet HTML 12Page - Maxim Integrated Products MAX17521 Datasheet HTML 13Page - Maxim Integrated Products MAX17521 Datasheet HTML 14Page - Maxim Integrated Products MAX17521 Datasheet HTML 15Page - Maxim Integrated Products MAX17521 Datasheet HTML 16Page - Maxim Integrated Products MAX17521 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
EN/UVLO
FB
RESET
START
RESET
LOGIC
SGND
HICCUP
MAX17521
VCC
COMP
PGND
VIN
LX
P DRIVER
N DRIVER
5μA
HICCUP
SS
LDO
VCC
PWM,PFM
LOGIC
PWM
COMPARATOR
+
SLOPE
COMPENSATION
CURRENT SENSE
CURRENT SENSE
OSCILLATOR
CLK
FSEL
MODE
SELECTOR
PWM/PFM
MODE
900mV
REFERENCE
SWITCHOVER
LOGIC
GM
COMP
SYNC
MAX17521
60V, 1A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 13
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com