Electronic Components Datasheet Search
  English  ▼

X  

MAX17521 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17521
Description  60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17521 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17521 Datasheet HTML 1Page - Maxim Integrated Products MAX17521 Datasheet HTML 2Page - Maxim Integrated Products MAX17521 Datasheet HTML 3Page - Maxim Integrated Products MAX17521 Datasheet HTML 4Page - Maxim Integrated Products MAX17521 Datasheet HTML 5Page - Maxim Integrated Products MAX17521 Datasheet HTML 6Page - Maxim Integrated Products MAX17521 Datasheet HTML 7Page - Maxim Integrated Products MAX17521 Datasheet HTML 8Page - Maxim Integrated Products MAX17521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
(VIN_ = +24V, VSGND_ = VPGND_ = VFSEL = 0V, CIN_ = 2.2μF, CVCC_ = 1μF, VEN/UVLO_ = 1.5V, CSS_ = 0.01μF, FB_ = 0.98 x VFB-REG,
COMP_ = unconnected, LX_ = unconnected, RESET_ = unconnected. TA = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = +25°C. All voltages are referenced to SGND_, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE/UVLO (EN_)
EN_ Threshold
VEN_R
VEN_rising
1.19
1.215
1.24
V
VEN_F
VEN_falling
1.11
1.135
1.16
VEN_-
TRUESD
VEN_falling, true shutdown
0.75
EN_ Input Leakage Current
IEN_
VEN_= VIN = 60V, TA = +25°C
300
nA
FREQUENCY SELECTOR (FSEL)
FSEL Threshold
VFSELR
VFSEL low level
0.8
V
VFSELF
VFSEL high level
2
FSEL Input Leakage Current
IFSEL
VFSEL = VCC, TA = +25°C
-2.5
+2.5
µA
MODE SELECTOR (MODE_)
MODE_ Threshold
VMODE_ R VMODE_ low level
1.9
V
VMODE_ F VMODE_ high level
2.5
MODE_ Input Leakage Current
IMODE_
VMODE = VCC, TA = +25°C
300
nA
LDO (VCC_)
VCC_ Output Voltage Range
VVCC_
6V < VIN_ < 12V, 0mA < IVCC_ < 10mA
12V < VIN_ < 60V, 0mA < IVCC_ < 2mA
4.65
5
5.35
V
VCC_ Current Limit
IVCC_ -MAX VCC_ = 4.3V, VIN_ = 12V
17
40
80
mA
VCC_ Dropout
VCC_-DO
VIN_ = 4.5V, IVCC_ = 5mA
4.1
V
VCC_ UVLO
VVCC_-UVR VCC_ rising
3.85
4
4.15
V
VCC_ -UVF VCC_ falling
3.55
3.7
3.85
POWER MOSFETs
High-Side_ pMOS
On-Resistance
RDS_ -ONH
ILX_ = 0.5A
(sourcing)
TA = +25°C
0.6
0.8
Ω
TA = TJ = +125°C (Note 3)
1.2
Low-Side_ nMOS
On-Resistance
RDS_ -ONL
ILX_ = 0.5A
(sinking)
TA = +25°C
0.2
0.35
Ω
TA = TJ = +125°C (Note 3)
0.45
LX_ Leakage Current
ILX_LKG
VEN_ = 0V, TA = +25°C, VLX_ =
(VPGND_ + 1V) to (VIN_ – 1V)
3
μA
SOFT-START (SS_)
Charging Current_
ISS_
VSS_ = 0.5V
4.7
5
5.3
μA
FEEDBACK (FB)
FB Regulation Voltage
VFB_REG
MODE_ = SGND_
0.885
0.9
0.915
V
MODE_ = unconnected
0.915
FB Input Bias Current
IFB
VFB = 0.9V
15
100
nA
MAX17521
60V, 1A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com