Electronic Components Datasheet Search
  English  ▼

X  

MAX17521 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17521
Description  60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17521 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17521 Datasheet HTML 6Page - Maxim Integrated Products MAX17521 Datasheet HTML 7Page - Maxim Integrated Products MAX17521 Datasheet HTML 8Page - Maxim Integrated Products MAX17521 Datasheet HTML 9Page - Maxim Integrated Products MAX17521 Datasheet HTML 10Page - Maxim Integrated Products MAX17521 Datasheet HTML 11Page - Maxim Integrated Products MAX17521 Datasheet HTML 12Page - Maxim Integrated Products MAX17521 Datasheet HTML 13Page - Maxim Integrated Products MAX17521 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
All data measured on the Typical Application Circuit.
5V OUTPUT, 1A LOAD, BODE PLOT
GAIN
TOC31
GAIN
PHASE
VOUT= 5V
FCR = 51kHz,
FREQUENCY(Hz)
Phase Margin = 62.3°
GAIN
3.3V OUTPUT, 1A LOAD, BODE PLOT
TOC32
FREQUENCY(Hz)
VOUT=3.3V
FCR = 51K,
GAIN
PHASE
Phase Margin = 62.3°
2ms/div
500mV/div
OUTPUT SHORT-CIRCUIT PROTECTION,
5V OUTPUT
VOUT1
500mA/div
IOUT1
TOC29
2ms/div
500mV/div
OUTPUT SHORT-CIRCUIT PROTECTION,
3.3V OUTPUT
VOUT2
500mA/div
IOUT2
TOC30
Maxim Integrated │ 10
www.maximintegrated.com
MAX17521
60V, 1A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com