Electronic Components Datasheet Search
  English  ▼

X  

MAX17521 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17521
Description  60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17521 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17521 Datasheet HTML 1Page - Maxim Integrated Products MAX17521 Datasheet HTML 2Page - Maxim Integrated Products MAX17521 Datasheet HTML 3Page - Maxim Integrated Products MAX17521 Datasheet HTML 4Page - Maxim Integrated Products MAX17521 Datasheet HTML 5Page - Maxim Integrated Products MAX17521 Datasheet HTML 6Page - Maxim Integrated Products MAX17521 Datasheet HTML 7Page - Maxim Integrated Products MAX17521 Datasheet HTML 8Page - Maxim Integrated Products MAX17521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
(VIN_ = +24V, VSGND_ = VPGND_ = VFSEL = 0V, CIN_ = 2.2μF, CVCC_ = 1μF, VEN/UVLO_ = 1.5V, CSS_ = 0.01μF, FB_ = 0.98 x VFB-REG,
COMP_ = unconnected, LX_ = unconnected, RESET_ = unconnected. TA = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = +25°C. All voltages are referenced to SGND_, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE (VOUT)
Output Voltage Range
VOUT
VFSEL > 2V; no load (Note 3)
0.92
0.92 x
VIN
V
VFSEL < 0.8V; no load (Note 3)
0.92
0.96 x
VIN
TRANSCONDUCTANCE AMPLIFIER (COMP)
Transconductance
GM
_
ICOMP_ = ±2.5μA
510
590
650
μS
COMP_ Source Current
ICOMP_ _SRC
19
33
55
μA
COMP_ Sink Current
ICOMP_
_SINK
19
33
55
μA
Current Sense Transresistance
RCS_
0.455
0.5
0.545
Ω
CURRENT LIMIT
Peak Current Limit Threshold
IPEAK_-LIMIT
1.35
1.6
1.85
A
Runaway Current Limit
Threshold
IRUNAWAY
_-LIMIT
1.45
1.85
2.05
A
Sink Current Limit Threshold
ISINK-LIMIT
VMODE_ < 0.8V
0.65
A
VMODE_ > 2V
0
A
PFM Peak Current
IPFM_
VMODE_ > 2V
0.2
0.3
0.4
A
TIMINGS
Switching Frequency
fSW_
VFB_ > VOUT_-HICF
VFSEL > 2V
510
560
600
kHz
VFSEL < 0.8V
280
300
320
VFB_ <VOUT_-HICF
VFSEL > 2V
280
300
320
VFB_ Under Voltage Trip Level
to Cause HICCUP
VOUT_-HICF VSS_ > 0.95V (soft-start is done)
68.5
70
72.5
%
HICCUP Timeout
4096
Cycles
Minimum On-Time
tON_ _MIN
85
120
ns
Maximum Duty Cycle
DMAX_
VFB_ = 0.98 x VFB_ -REG
VFSEL > 2V
92
94
96
%
VFSEL < 0.8V
96
97
98
LX_ Dead Time
5
ns
MAX17521
60V, 1A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com