Electronic Components Datasheet Search
  English  ▼

X  

MAX17521 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17521
Description  60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17521 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17521 Datasheet HTML 1Page - Maxim Integrated Products MAX17521 Datasheet HTML 2Page - Maxim Integrated Products MAX17521 Datasheet HTML 3Page - Maxim Integrated Products MAX17521 Datasheet HTML 4Page - Maxim Integrated Products MAX17521 Datasheet HTML 5Page - Maxim Integrated Products MAX17521 Datasheet HTML 6Page - Maxim Integrated Products MAX17521 Datasheet HTML 7Page - Maxim Integrated Products MAX17521 Datasheet HTML 8Page - Maxim Integrated Products MAX17521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX17521 dual-output, high-efficiency, high-voltage,
synchronous step-down DC-DC converter with integrated
MOSFETs operates over a 4.5V to 60V input. The converter
can deliver up to 1A at each output. Each output is
programmable from 0.9V to 92%VIN. The feedback voltage
regulation accuracy over -40°C to +125°C is ±1.7%.
The MAX17521 uses peak-current-mode control. Each
output can be operated in the pulse-width modulation
(PWM) or pulse-frequency modulation (PFM) control
schemes.
The MAX17521 is available in a 24-pin (4mm x 5mm)
TQFN package. Simulation models are available.
Applications
● Industrial Control Power Supplies
● CPU, DSP, or FPGA Power
● Distributed Supply Regulation
● General-Purpose Point of Load
Benefits and Features
● Reduces External Components and Total Cost
• No Schottky—Synchronous Operation
• All-Ceramic Capacitors, Compact Layout
● Reduces Number of DC-DC Regulators to Stock
• Wide 4.5V to 60V Input
• Each Output Adjustable From 0.9V to 92%VIN
• Pin-Selectable 560kHz or 300kHz Switching
Frequency
• Independent Input Voltage Pin for Each Output
● Reduces Power Dissipation
• Peak Efficiency > 90%
• PFM Mode Enables Enhanced Light-Load Effi-
ciency
• 1μA Shutdown Current
● Operates Reliably in Adverse Industrial Environments
• Hiccup Mode Overload Protection
• Adjustable Soft-Start Pin for Each Output
• Built-In Output Voltage Monitoring with RESET for
Each Output
• Adjustable EN/UVLO Threshold for Each Output
• Monotonic Startup Into Prebiased Load
• Overtemperature Protection
• High Industrial -40°C to +125°C Ambient Operat-
ing Temperature Range/-40°C to +150°C Junction
Temperature Range
Ordering Information appears at end of data sheet.
19-7479; Rev 2; 6/17
RESET1
EN/UVLO1 VIN1
MODE1
VCC1
SGND1
SS1
FB2
LX2
1μF
MAX17521
VIN
7.5V–60V
FB1
LX1
VOUT1
5V, 1A
EN/UVLO2
VIN2
SS2
RESET2
MODE2
VCC2
SGND2
1μF
2700pF
COMP1
2700pF
COMP2
FSEL
SYNC
PGND1
PGND2
R1
82.5kΩ
R2
18.2kΩ
C3
10μF
L1
22μH
C6
C7
3300pF
C10
33pF
C9
R5
14kΩ
C12
22pF
R8
19.1kΩ
C11
C8
3300pF
C1
2.2μF
C2
2.2μF
C16
L2
15μH
C4
22μF
R9
54.9kΩ
R10
20.5kΩ
VOUT2
3.3V, 1A
L1 = XAL5050-223, 5.3 x 5.5mm
L2 = XAL4040-153, 4 x 4mm
fSW = 560kHz
MAX17521
60V, 1A, Dual-Output, High-Efficiency,
Synchronous Step-Down DC-DC Converter
Typical Application Circuit
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17521 MAXIM-MAX17521 Datasheet
885Kb / 10P
3.3V and 5V Output-Voltage Application
Rev 1; 7/17
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
3.3V and 5V Output-Voltage Application
Rev 1; 7/17
More results

Similar Description - MAX17521

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX17502 MAXIM-MAX17502 Datasheet
3Mb / 17P
60V, 1A, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17502 MAXIM-MAX17502_13 Datasheet
3Mb / 21P
60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 11/12
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
1A Dual Synchronous Step-down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17572 MAXIM-MAX17572 Datasheet
936Kb / 16P
4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 9/16
logo
ON Semiconductor
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524 Datasheet
798Kb / 24P
4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 12/17
MAX20058 MAXIM-MAX20058 Datasheet
713Kb / 17P
60V, 1A, Automotive Synchronous Step-Down DC-DC Converter
Rev 2; 5/19
MAX17502 MAXIM-MAX17502_V01 Datasheet
2Mb / 21P
60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com