Electronic Components Datasheet Search
  English  ▼

X  

ADRF6806 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6806
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6806 Datasheet HTML 3Page - Analog Devices ADRF6806 Datasheet HTML 4Page - Analog Devices ADRF6806 Datasheet HTML 5Page - Analog Devices ADRF6806 Datasheet HTML 6Page - Analog Devices ADRF6806 Datasheet HTML 7Page - Analog Devices ADRF6806 Datasheet HTML 8Page - Analog Devices ADRF6806 Datasheet HTML 9Page - Analog Devices ADRF6806 Datasheet HTML 10Page - Analog Devices ADRF6806 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 7 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
30
29
28
4
5
6
7
8
22
23
24
25
26
27
9
10
21
RFIN
GND
RSET
VCC1
CPOUT
VCC2
REFIN
DECL2
VCC1
THIRD-ORDER
SDM
VCO
BAND
CURRENT
CAL/SET
VCO
2800MHz
TO
2H400MHz
PHASE DETECTOR
AND
CHARGE PUMP
QUADRATURE
÷2
SERIAL
PORT
×2
ENABLE
PROGRAMABLE
DIVIDER
÷4
PRESCALER
÷2
VCO
LDO
2.5V
LDO
MUX
INTEGER
FRACTION
6
6
BLEED
SCALE
VOCM
DECL3
GND
VCCBB
VCCRF
GND
GND
RFIP
GND
DIV
÷2
TO
÷40
DIV
÷4, ÷6, ÷8
MODULUS
BUFFER
CTRL
DIV
CTRL
GND
COMMON-
MODE
LEVEL
CONTROL
MUXOUT
NOTES
1. THE EXPOSED PADDLE SHOULD BE SOLDERED TO A LOW IMPEDANCE GROUND PLANE.
÷2
DIV
CTRL
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
VCC1
The 3.3 V power supply for VCO and PLL.
3
CPOUT
Charge Pump Output Pin. Connect this pin to VTUNE through the loop filter.
4, 7, 11, 15, 16, 20,
21, 24, 27, 30, 31, 35
GND
Connect these pins to a low impedance ground plane.
5
RSET
Charge Pump Current. The nominal charge pump current can be set to 250 μA, 500 μA, 750 μA, or 1 mA
using DB10 and DB11 of Register 4 and by setting DB18 to 0 (internal reference current). In this mode, no
external RSET is required. If DB18 is set to 1, the four nominal charge pump currents (INOMINAL) can be
externally tweaked according to the following equation where the resulting value is in units of ohms.
8
.
37
4
.
217
−
⎥
⎦
⎤
⎢
⎣
⎡
×
=
NOMINAL
CP
SET
I
I
R
6
REFIN
Reference Input. Nominal input level is 1 V p-p. Input range is 9 MHz to 160 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com