Electronic Components Datasheet Search
  English  ▼

X  

ADRF6806 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6806
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6806 Datasheet HTML 8Page - Analog Devices ADRF6806 Datasheet HTML 9Page - Analog Devices ADRF6806 Datasheet HTML 10Page - Analog Devices ADRF6806 Datasheet HTML 11Page - Analog Devices ADRF6806 Datasheet HTML 12Page - Analog Devices ADRF6806 Datasheet HTML 13Page - Analog Devices ADRF6806 Datasheet HTML 14Page - Analog Devices ADRF6806 Datasheet HTML 15Page - Analog Devices ADRF6806 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 12 of 36
SYNTHESIZER/PLL
VS1 = 5 V, VS2 = 3.3 V, see the Register Structure section for recommended settings used. External loop filter bandwidth of ~67 kHz, fREF =
fPFD = 26 MHz, measured at BB output, fBB = 50 MHz, unless otherwise noted.
–160
–150
–140
–130
–120
–110
–100
–90
–80
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
2.5kHz LOOP FILTER
67kHz LOOP FILTER
T=‐
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. Phase Noise vs. Offset Frequency, fLO = 140 MHz
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
1× PFD FREQUENCY
3× PFD FREQUENCY
0.5× PFD FREQUENCY
TA = +85°C
TA = +25°C
TA = –40°C
Figure 22. PLL Reference Spurs vs. LO Frequency
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
2× PFD FREQUENCY
4× PFD FREQUENCY
TA = +85°C
TA = +25°C
TA = –40°C
Figure 23. PLL Reference Spurs vs. LO Frequency
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
50
100
150
200
250
300
350
400
450
500
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 24. Integrated Phase Noise vs. LO Frequency (Spurs Omitted)
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
40
90
140
190
240
290
340
390
440
490
LO FREQUENCY (MHz)
5MHz OFFSET
10kHz OFFSET
1kHz OFFSET
67kHz LOOP FILTER BANDWIDTH
2.5kHz LOOP FILTER BANDWIDTH
TA = +85°C
TA = +25°C
TA = –40°C
Figure 25. Phase Noise vs. LO Frequency (1 kHz, 10 kHz, and 5 MHz Offsets)
TA = +85°C
TA = +25°C
TA = –40°C
–160
–150
–140
–130
–120
–110
–100
–90
–80
40
90
140
190
240
290
340
390
440
490
LO FREQUENCY (MHz)
1MHz OFFSET
100kHz OFFSET
67kHz LOOP FILTER BANDWIDTH
2.5kHz LOOP FILTER BANDWIDTH
Figure 26. Phase Noise vs. LO Frequency (100 kHz and 1 MHz Offsets)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com