Electronic Components Datasheet Search
  English  ▼

X  

ADRF6806 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6806
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6806 Datasheet HTML 16Page - Analog Devices ADRF6806 Datasheet HTML 17Page - Analog Devices ADRF6806 Datasheet HTML 18Page - Analog Devices ADRF6806 Datasheet HTML 19Page - Analog Devices ADRF6806 Datasheet HTML 20Page - Analog Devices ADRF6806 Datasheet HTML 21Page - Analog Devices ADRF6806 Datasheet HTML 22Page - Analog Devices ADRF6806 Datasheet HTML 23Page - Analog Devices ADRF6806 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 20 of 36
Register 6—VCO Control and Enables
With R6[2:0] set to 110, the VCO control and enables register is
programmed as shown in Figure 39.
VCO band selection is normally selected based on BANDCAL
calibration; however, the VCO band can be selected directly using
Register 6. The VCO BS SRC determines whether the BANDCAL
calibration determines the optimum VCO tuning band or if the
external SPI interface is used to select the VCO tuning band
based on the value of the VCO band select.
The VCO amplitude can be controlled through Register 6. The
VCO amplitude setting can be controlled between 0 and 31
decimal, with a default value of 24.
The internal VCO can be disabled using Register 6. The internal
VCO LDO can be disabled if an external clean 3.0 V supply is
available.
The internal charge pump can be disabled through Register 6.
Normally, the charge pump is enabled.
CHARGE
PUMP
ENABLE
3.3V
SWITCH
ENABLE
VCO
ENABLE
VCO
SWITCH
VCO
BS
CSR
VBSRC
0
1
VCO EN
VCO LDO
ENABLE
VCO AMPLITUDE
VCO BAND SELECT
CHARGE PUMP ENABLE
VCO BAND CAL AND SW SOURCE CONTROL
BAND CAL (DEFAULT)
VCO SW
0
1
VCO SWITCH CONTROL FROM SPI
REGULAR (DEFAULT)
BAND CAL
SPI
VCO ENABLE
DISABLE
ENABLE (DEFAULT)
DB22 DB21
DB20
DB19
DB18
DB17
DB16
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
CONTROL BITS
DB23
CPEN
L3EN
VCO EN VCO SW VC5 VC4 VC3 VC2 VC1 VC0 VBSRC VBS5 VBS4 VBS3 VBS2 VBS1 VBS0 C3(1) C2(1) C1(0)
LVEN
0
1
LVEN
VCO LDO ENABLE
DISABLE
ENABLE (DEFAULT)
0
1
L3EN 3.3V SWITCH ENABLE
DISABLE
ENABLE (DEFAULT)
0
1
CPEN
DISABLE
ENABLE (DEFAULT)
0
1
00
0
VC5
VC4
VC3
VC2
VC1
00
00
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
011
1
...
63
VCO AMPLITUDE
0
...
...
0
110
0
24 (RECOMMENDED)
0
111
1
VC0
0
...
...
...
1
0
1
47
VBS5 VBS4 VBS3 VBS2 VBS1
00000
...
...
...
...
...
...
...
...
...
...
VCO BAND SELECT
FROM SPI
0
...
...
10000
32 (DEFAULT)
11111
VBS0
0
...
...
0
1
63
...
...
...
...
...
00
10
0
...
0
...
8 (DEFAULT)
Figure 39. VCO Control and Enables (R6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com