Electronic Components Datasheet Search
  English  ▼

X  

ADRF6806 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6806
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6806 Datasheet HTML 7Page - Analog Devices ADRF6806 Datasheet HTML 8Page - Analog Devices ADRF6806 Datasheet HTML 9Page - Analog Devices ADRF6806 Datasheet HTML 10Page - Analog Devices ADRF6806 Datasheet HTML 11Page - Analog Devices ADRF6806 Datasheet HTML 12Page - Analog Devices ADRF6806 Datasheet HTML 13Page - Analog Devices ADRF6806 Datasheet HTML 14Page - Analog Devices ADRF6806 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 11 of 36
–30
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
RF FREQUENCY (MHz)
Figure 16. RF Input Return Loss vs. RF Frequency,
Measured Through ADTL2-18 2-to-1 Input Balun
–30
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
LO OUTPUT FREQUENCY (MHz)
Figure 17. LO Output Return Loss vs. LO Output Frequency,
LO Output Enabled (350 MHz to 1050 MHz)
60
85
110
135
160
185
210
235
260
LO FREQUENCY (MHz)
3.3V SUPPLY
5V SUPPLY
TA = +85°C
TA = +25°C
TA = –40°C
LPEN = 0
LPEN = 1
Figure 18. 5 V and 3.3 V Supply Currents vs. LO Frequency,
LO Output Disabled
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
LPEN = 0
LPEN = 1
Figure 19. VPTAT vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
350
370
390
410
430
450
470
490
510
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 20. VTUNE vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com