Electronic Components Datasheet Search
  English  ▼

X  

ADRF6806 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6806
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6806 Datasheet HTML 6Page - Analog Devices ADRF6806 Datasheet HTML 7Page - Analog Devices ADRF6806 Datasheet HTML 8Page - Analog Devices ADRF6806 Datasheet HTML 9Page - Analog Devices ADRF6806 Datasheet HTML 10Page - Analog Devices ADRF6806 Datasheet HTML 11Page - Analog Devices ADRF6806 Datasheet HTML 12Page - Analog Devices ADRF6806 Datasheet HTML 13Page - Analog Devices ADRF6806 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 10 of 36
–90
–85
–80
–75
–70
–65
–60
–55
–50
LO FREQUENCY (MHz)
LPEN = 0
LPEN = 1
Figure 10. LO-to-RF Feedthrough vs. LO Frequency, LO Output Turned Off
–70
–65
–60
–55
–50
–45
–40
–35
–30
LO FREQUENCY (MHz)
LPEN = 0
LPEN = 1
Figure 11. LO-to-BB Feedthrough vs. LO Frequency, LO Output Turned Off
–70
–65
–60
–55
–50
–45
–40
–35
–30
RF FREQUENCY (MHz)
LPEN = 0
LPEN = 1
Figure 12. RF-to-BB Feedthrough vs. RF Frequency
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
400
BASEBAND FREQUENCY (MHz)
LPEN = 0
LPEN = 1
Figure 13. Normalized BB Frequency Response
0
10
20
30
40
50
60
70
80
5
1015
20253035
404550
BASEBAND FREQUENCY (MHz)
IP1dB
IIP3
IIP2
LPEN = 0
LPEN = 1
LPEN = 0
LPEN = 1
LPEN = 0
LPEN = 1
TA = +85°C
TA = +25°C
TA = –40°C
I CHANNEL
Q CHANNEL
Figure 14. Input P1dB, Input IP2, and Input IP3 vs. BB Frequency
8
10
12
14
16
18
20
22
24
26
28
30
–30
–25
–20
–15
–10
–5
0
5
10
INPUT BLOCKER POWER (dBm)
LPEN = 0
LPEN = 1
Figure 15. Noise Figure vs. Input Blocker Level,
fLO = 140 MHz (RF Blocker 5 MHz Offset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com