Electronic Components Datasheet Search
  English  ▼

X  

ADRF6806 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6806
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6806 Datasheet HTML 1Page - Analog Devices ADRF6806 Datasheet HTML 2Page - Analog Devices ADRF6806 Datasheet HTML 3Page - Analog Devices ADRF6806 Datasheet HTML 4Page - Analog Devices ADRF6806 Datasheet HTML 5Page - Analog Devices ADRF6806 Datasheet HTML 6Page - Analog Devices ADRF6806 Datasheet HTML 7Page - Analog Devices ADRF6806 Datasheet HTML 8Page - Analog Devices ADRF6806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADRF6806
Rev. B | Page 3 of 36
SPECIFICATIONS
VS1 (VVCCBB and VVCCRF) = 5 V, and VS2 (VVCC1, VVCC2, and VVCCLO) = 3.3 V; ambient temperature (TA) = 25°C; fREF = 26 MHz, fLO = 140 MHz,
fBB = 4.5 MHz, RLOAD = 450 Ω differential, RF port driven from a 1:2 balun to step up the 50 Ω source impedance to match the 100 Ω
differential RF input port impedance, all register and PLL settings use the recommended values shown in the Register Structure section,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
50
525
MHz
RF INPUT @ 140 MHz
RFIP, RFIN pins
Input Return Loss
Relative to 100 Ω
−11.7
dB
Input P1dB
LPEN = 0 (standard power mode)
12.2
dBm
LPEN = 1 (low power mode)
10.6
dBm
Second-Order Input Intercept (IIP2)
LPEN = 0; −5 dBm each tone
>65
dBm
LPEN = 1; −5 dBm each tone
>60
dBm
Third-Order Input Intercept (IIP3)
LPEN = 0; −5 dBm each tone
28.5
dBm
LPEN = 1; −5 dBm each tone
25.2
dBm
Noise Figure
Double sideband from RF to either I or Q output; LPEN = 0
12.2
dB
Double sideband from RF to either I or Q output; LPEN = 1
11.4
dB
With a −5 dBm interferer 5 MHz away
14
dB
LO-to-RF Leakage
At 1×LO frequency, 100 Ω termination at the RF port
−70
dBm
I/Q BASEBAND OUTPUTS
IBBP, IBBN, QBBP, QBBN pins
Voltage Conversion Gain
450 Ω differential load across IBBP, IBBN (or QBBP, QBBN);
LPEN = 0
1
dB
450 Ω differential load across IBBP, IBBN (or QBBP, QBBN);
LPEN = 1
4.2
dB
Demodulation Bandwidth
1 V p-p signal 3 dB bandwidth; LPEN = 0
170
MHz
1 V p-p signal 3 dB bandwidth; LPEN = 1
135
MHz
Quadrature Phase Error
0.3
Degrees
I/Q Amplitude Imbalance
0.05
dB
Output DC Offset (Differential)
±8
mV
Output Common-Mode Reference
VOCM applied input voltage
1.55
1.65
1.75
V
Common-Mode Offset
|(VIBBP + VIBBN)/2 − VVOCM|, |(VQBBP + VQBBN)/2 − VVOCM|
25
mV
Gain Flatness
Any 5 MHz
0.2
dB p-p
Maximum Output Swing
Differential 450 Ω load
3
V p-p
Differential 200 Ω load
2.4
V p-p
Maximum Output Current
Each pin
6
mA p-p
LO INPUT/OUTPUT
LOP, LON
Output Level (LPEN = 0)
Into a differential 50 Ω load, LO buffer enabled (output
frequency = 800 MHz)
1
dBm
Output Level (LPEN = 1)
Into a differential 50 Ω load, LO buffer enabled (output
frequency = 800 MHz)
−0.75
dBm
Input Level
Externally applied 2×LO, PLL disabled
0
dBm
Input Impedance
Externally applied 2×LO, PLL disabled
50
Ω
LO Main Divider Range
VCO to mixer, including quadrature divider, see Table 5 for
supported divider modes
8
80
VCO Output Divider Range
VCO to (LOP, LON), see Table 6 for supported output divider
modes
4
8
VCO Operating Frequency
2800
4200
MHz
SYNTHESIZER SPECIFICATIONS
All synthesizer specifications measured with recommended
settings provided in Figure 33 through Figure 40
Channel Spacing
fPFD = 26 MHz
25
kHz
PLL Bandwidth
Can be adjusted with off-chip loop filter component values
and RSET
67
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com