Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
its adaptive gate drive timing, minimizes body diode conduction losses when both MOSFETs are off. Such losses
scale directly with switching frequency.
In high step-down ratio applications, the low-side MOSFET carries the current for a large portion of the switching
period. Therefore, to attain high efficiency, it is critical to optimize the low-side MOSFET for low RDS(on). In cases
where the conduction loss is too high or the target RDS(on) is lower than available in a single MOSFET, connect
two low-side MOSFETs in parallel. The total power dissipation of the low-side MOSFET is the sum of the losses
due to channel conduction, body diode conduction, and typically one-third of the net loss attributed to body diode
reverse recovery. The LM5146 is well suited to drive TI's portfolio of NexFET™ power MOSFETs.
9.1.3 Control Loop Compensation
The poles and zeros inherent to the power stage and compensator are respectively illustrated by red and blue
dashed rings in the schematic embedded in Table 9-2. The compensation network typically employed with
voltage-mode control is a Type-III circuit with three poles and two zeros. One compensator pole is located at
the origin to realize high DC gain. The normal compensation strategy uses two compensator zeros to counteract
the LC double pole, one compensator pole located to nullify the output capacitor ESR zero, with the remaining
compensator pole located at one-half switching frequency to attenuate high frequency noise. The resistor divider
network to FB determines the desired output voltage. Note that the lower feedback resistor, RFB2, has no
impact on the control loop from an AC standpoint because the FB node is the input to an error amplifier and is
effectively at AC ground. Hence, the control loop is designed irrespective of output voltage level. The proviso
here is the necessary output capacitance derating with bias voltage and temperature.
Table 9-2. Buck Regulator Poles and Zeros
FB
COMP
VIN
VOUT
GND
Adaptive
Gate
Driver
RFB2
RC2
CC3
CC2
RFB1
RC1
CC1
VREF
LF
D
PWM
Comparator
PWM Ramp
&p1
&z1
RESR
&p2
&z2
&o
&ESR
Modulator
Compensator
Power Stage
RL
IOUT
+
+
VRAMP
Error
Amp
&L
RDAMP
COUT
Q2
Q1
POWER STAGE POLES
POWER STAGE ZEROS
COMPENSATOR POLES
COMPENSATOR ZEROS
o
ESR
L
F
OUT
ESR
DAMP
F
OUT
1
1
R
R
L
C
1
R
R
1
L
C
Z
§
·
˜
¨
¸
©
¹
#
˜
(1) (2)
ESR
ESR
OUT
1
R
C
Z
˜
p1
C1
C1
C2
C1
C2
1
1
R
(C
C
)
R
C
Z
#
˜
˜
z1
C1
C1
1
R
C
Z
˜
F
L
DAMP
L
R
Z
p2
C2
C3
1
R
C
Z
˜
˜
z2
FB1
C2
C3
1
(R
R
) C
Z
(1)
RESR represents the ESR of the output capacitor COUT.
(2)
RDAMP = D · RDS(on)high-side + (1–D) · RDS(on) low-side + RDCR, shown as a lumped element in the schematic, represents the effective
series damping resistance.
The small-signal open-loop response of a buck regulator is the product of modulator, power train and
compensator transfer functions. The power stage transfer function can be represented as a complex pole pair
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com