Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
9.2.1.1 Design Requirements
The intended input, output, and performance-related parameters pertinent to this design example are shown in
Table 9-5.
Table 9-5. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady state)
8 V to 85 V
Input transient voltage (peak)
95 V
Output voltage and current
5 V, 12 A
Input voltage UVLO thresholds
8 V on, 7 V off
Switching frequency (SYNC in)
300 kHz
Output voltage regulation
±1%
Load transient peak voltage deviation
< 100 mV
9.2.1.2 Detailed Design Procedure
The design procedure for an LM5146 based regulator for a given application is streamlined by using the LM5146
Quickstart Calculator available as a free download, or by availing of TI's WEBENCH® Power Designer. Such
tools are complemented by the availability of LM5145 and LM5146-Q1 evaluation module (EVM) designs,
numerous PSPICE models, as well as several LM5146 reference designs populated in the TI Designs reference
design library.
The selected buck converter powertrain components are cited in Table 9-6, and many of the components are
available from multiple vendors. The MOSFETs in particular are chosen for both lowest conduction and switching
power loss, as discussed in detail in Section 9.1.2.4.
The current limit setpoint in this design is set at 19 A based on the resistor RILIM and the 6-mΩ RDS(on) of the
low-side MOSFET (typical at TJ = 25°C and VGS = 7.5 V). This design uses a low-DCR, metal-powder inductor,
and all-ceramic output capacitor implementation.
Table 9-6. List of Materials for Application Circuit 1
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
CIN
6
4.7 µF, 100 V, X7S, 1210, ceramic
TDK
CGA6M3X7S2A475K200
Murata
GCM32DC72A475KE02L
Taiyo Yuden
HMK325C7475MMHPE
COUT
5
47 µF, 6.3 V, X7R, 1210, ceramic
Murata
GCM32ER70J476KE19L
Taiyo Yuden
JMK325B7476KMHTR
47 µF, 6.3 V, X7S, 1210, ceramic
TDK
CGA6P1X7S0J476M
LF
1
3.3 µH, 6.25 mΩ, 19 A, 10.85 × 10.0 × 5.2 mm
Cyntec
VCHA105D-3R3M
3.3 µH, 5.8 mΩ, 28.6 A, 10.5 × 10.0 × 6.5 mm
TDK
SPM10065VTT-3R3M-D
3.3 µH, 6.0 mΩ, 17 A, 10.9 × 10.0 × 6.0 mm
Panasonic
ETQP6M3R3YLC
Q1
1
100 V, 22 mΩ, MOSFET, SON 5 × 6
Onsemi
NVMFS6B25NL
Q2
1
100 V, 6 mΩ, MOSFET, SON 5 × 6
Onsemi
FDWS86068-F085
U1
1
Wide VIN synchronous buck controller
Texas Instruments
LM5146RGYR
9.2.1.3 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM5146 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com