Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
The selected buck converter powertrain components are cited in Table 9-8, including power MOSFETs,
buck inductor, input and output capacitors, and ICs. Using the LM5146 Quickstart Calculator, compensation
components are selected based on a target loop crossover frequency of 40 kHz and phase margin greater than
55°. The output voltage soft-start time is 6 ms based on the selected soft-start capacitance, CSS, of 47 nF.
Table 9-8. List of Materials for Application Circuit 2
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
CIN
5
2.2 µF, 100 V, X7R, 1210, ceramic
TDK
CGA6N3X7R2A225K
Taiyo Yuden
HMK325B7225KM-P
2.2 µF, 100 V, X7S, 1206, ceramic
Murata
GCM31CC72A225KE02
COUT
5
22 µF, 25 V, X7R, 1210, ceramic
TDK
CGA6P3X7R1E226M
Murata
GCM32EC71E226KE36
Taiyo Yuden
TMK325B7226KMHT
LF
1
6.8 µH, 12 mΩ, 13.3 A, 10.85 × 10.0 × 5.2 mm
Cyntec
VCHA105D-6R8MS6
6.8 µH, 13.3 mΩ, 21.4 A, 10.5 × 10.0 × 6.5 mm
TDK
SPM10065VT-6R8M-D
Q1
1
100 V, 22 mΩ, MOSFET, SON 5 × 6
Onsemi
NVMFS6B25NLT1G
Q2
1
100 V, 10 mΩ, MOSFET, SON 5 × 6
Onsemi
NVMFS6B14NLT1G
U1
1
Wide VIN synchronous buck controller
Texas Instruments
LM5146RGYR
As shown in Figure 9-16, a 2.2-Ω resistor in series with CBST is used to slow the turn-on transition of the high-
side MOSFET, reducing the spike amplitude and ringing of the SW node voltage and minimizing the possibility of
Cdv/dt-induced shoot-through of the low-side MOSFET. If needed, place an RC snubber (for example, 2.2 Ω and
100 pF) close to the drain (SW node) and source (PGND) terminals of the low-side MOSFET to further attenuate
any SW node voltage overshoot and/or ringing. Please refer to the application note Reduce Buck Converter EMI
and Voltage Stress by Minimizing Inductive Parasitics for more detail.
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com