Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
12 Device and Documentation Support
12.1 Device Support
12.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
12.1.2 Development Support
With an input operating voltage as low as 3.5 V and up to 100 V as specified in Table 12-1, the LM(2)514x family
of synchronous buck controllers from TI provides flexibility, scalability and optimized solution size for a range
of applications. These controllers enable DC/DC solutions with high density, low EMI and increased flexibility.
Available EMI mitigation features include dual-random spread spectrum (DRSS) or triangular spread spectrum
(TRSS), split gate driver outputs for slew rate (SR) control, and integrated active EMI filtering (AEF).
Table 12-1. Synchronous Buck DC/DC Controller Family
DC/DC
CONTROLLER
SINGLE or
DUAL
VIN RANGE
CONTROL METHOD
GATE DRIVE
VOLTAGE
SYNC OUTPUT
EMI MITIGATION
LM25148
Single
3.5 V to 42 V
Peak current mode
5 V
180° phase shift
DRSS
LM25149
Single
3.5 V to 42 V
Peak current mode
5 V
180° phase shift
AEF, DRSS
LM25141
Single
3.8 V to 42 V
Peak current mode
5 V
N/A
SR control, TRSS
LM5141
Single
3.8 V to 42 V
Peak current mode
5 V
N/A
SR control, TRSS
LM5143
Dual
3.5 V to 65 V
Peak current mode
5 V
90° phase shift
SR control, TRSS
LM25145
Single
6 V to 42 V
Voltage mode
7.5 V
180° phase shift
N/A
LM5145
Single
6 V to 75 V
Voltage mode
7.5 V
180° phase shift
N/A
LM5146
Single
5.5 V to 100 V
Voltage mode
7.5 V
180° phase shift
N/A
For development support see the following:
• LM5146 Quickstart Calculator
• LM5146 simulation models
• For TI's reference design library, visit TI Designs
• For TI's WEBENCH Design Environment, visit the WEBENCH® Design Center
• To design a low-EMI power supply, review TI's comprehensive EMI Training Series
• TI Reference Designs:
– 57W output synchronous buck converter for telecom reference design
– 10-A automotive pre-regulator reference design
– 10-A automotive pre-regulator reference design with extended input voltage range for trucks
– 20-A automotive pre-regulator reference design
– 20-A automotive pre-regulator reference design with extended input voltage range for trucks
• Technical Articles:
– High-density PCB layout of DC/DC converters
– Synchronous buck controller solutions support wide VIN performance and flexibility
– How to use slew rate for EMI control
– How to reduce EMI and shrink power-supply size with an integrated active EMI filter
12.1.2.1 Custom Design With WEBENCH® Tools
to create a custom design using the LM5146 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com