Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
4. Follow any layout considerations of the MOSFETs as recommended by the MOSFET manufacturer,
including pad geometry and solder paste stencil design.
5. The SW pin connects to the switch node of the power conversion stage and acts as the return path for the
high-side gate driver. The parasitic inductance inherent to loop #1 in Figure 11-1 and the output capacitance
(COSS) of both power MOSFETs form a resonant circuit that induces high frequency (> 100 MHz) ringing
on the SW node. The voltage peak of this ringing, if not controlled, can be significantly higher than the
input voltage. Ensure that the peak ringing amplitude does not exceed the absolute maximum rating limit
for the SW pin. In many cases, a series resistor and capacitor snubber network connected from the SW
node to GND damps the ringing and decreases the peak amplitude. Provide provisions for snubber network
components in the PCB layout. If testing reveals that the ringing amplitude at the SW pin is excessive, then
include snubber components as needed.
11.1.2 Gate Drive Layout
The LM5146 high-side and low-side gate drivers incorporate short propagation delays, adaptive dead-time
control and low-impedance output stages capable of delivering large peak currents with very fast rise and
fall times to facilitate rapid turnon and turnoff transitions of the power MOSFETs. Very high di/dt can cause
unacceptable ringing if the trace lengths and impedances are not well controlled.
Minimization of stray or parasitic gate loop inductance is key to optimizing gate drive switching performance,
whether it be series gate inductance that resonates with MOSFET gate capacitance or common source
inductance (common to gate and power loops) that provides a negative feedback component opposing the
gate drive command, thereby increasing MOSFET switching times. The following loops are important:
• Loop 2: high-side MOSFET, Q1. During the high-side MOSFET turnon, high current flows from the bootstrap
(boot) capacitor through the gate driver and high-side MOSFET, and back to the negative terminal of the boot
capacitor through the SW connection. Conversely, to turn off the high-side MOSFET, high current flows from
the gate of the high-side MOSFET through the gate driver and SW, and back to the source of the high-side
MOSFET through the SW trace. Refer to loop #2 of Figure 11-1.
• Loop 3: low-side MOSFET, Q2. During the low-side MOSFET turn-on, high current flows from the VCC
decoupling capacitor through the gate driver and low-side MOSFET, and back to the negative terminal of the
capacitor through ground. Conversely, to turn off the low-side MOSFET, high current flows from the gate of
the low-side MOSFET through the gate driver and GND, and back to the source of the low-side MOSFET
through ground. Refer to loop #3 of Figure 11-1.
TI strongly recommends following circuit layout guidelines when designing with high-speed MOSFET gate drive
circuits.
1. Connections from gate driver outputs, HO and LO, to the respective gate of the high-side or low-side
MOSFET must be as short as possible to reduce series parasitic inductance. Use 0.65 mm (25 mils) or wider
traces. Use a via or vias, if necessary, of at least 0.5 mm (20 mils) diameter along these traces. Route HO
and SW gate traces as a differential pair from the LM5146 to the high-side MOSFET, taking advantage of
flux cancellation.
2. Minimize the current loop path from the VCC and BST pins through their respective capacitors as these
provide the high instantaneous current, up to 3.5 A, to charge the MOSFET gate capacitances. Specifically,
locate the bootstrap capacitor, CBST, close to the BST and SW pins of the LM5146 to minimize the area of
loop #2 associated with the high-side driver. Similarly, locate the VCC capacitor, CVCC, close to the VCC and
PGND pins of the LM5146 to minimize the area of loop #3 associated with the low-side driver.
3. Placing a 2-Ω to 10-Ω resistor in series with the boot capacitor, as shown in Figure 9-16, slows down the
high-side MOSFET turn-on transition, serving to reduce the voltage ringing and peak amplitude at the SW
node at the expense of increased MOSFET turnon power loss.
11.1.3 PWM Controller Layout
With the proviso to locate the controller as close as possible to the MOSFETs to minimize gate driver trace runs,
the components related to the analog and feedback signals, current limit setting, and temperature sense are
considered in the following:
1. Separate power and signal traces, and use a ground plane to provide noise shielding.
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com