Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 31Page - Microchip Technology MCP3462 Datasheet HTML 32Page - Microchip Technology MCP3462 Datasheet HTML 33Page - Microchip Technology MCP3462 Datasheet HTML 34Page - Microchip Technology MCP3462 Datasheet HTML 35Page - Microchip Technology MCP3462 Datasheet HTML 36Page - Microchip Technology MCP3462 Datasheet HTML 37Page - Microchip Technology MCP3462 Datasheet HTML 38Page - Microchip Technology MCP3462 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 35
MCP3461/2/4
5.2
Input Impedance
The ADC inputs (VIN-/VIN+) are directly tied to the
analog multiplexer outputs and are not routed to
external pins. The multiplexer input stage contribution
to the input impedance is negligible.
The conversion accuracy can be affected by the input
signal source impedance when any external circuit is
connected to the input pins. The source impedance
adds to the internal impedance and directly affects the
time required to charge the internal sampling capacitor.
Therefore, a large input source impedance connected
to the input pins can increase the system performance
errors, such as offset, gain and Integral Nonlinearity
(INL). Ideally, the input source impedance should be
near zero. This can be achievable by using an opera-
tional amplifier with a closed-loop output impedance of
tens of ohms.
A proper anti-aliasing filter must be placed at the ADC
inputs. This will attenuate the frequency contents
around DMCLK and keep the desired accuracy over
the baseband (DRCLK) of the converter.
This anti-aliasing filter can be a simple first-order RC
network with low time constant that will provide a high
rejection at DMCLK frequency (see Figure 5.6 for more
details). The RC network usually uses small R and
large C to avoid additional offset due to IR drop in the
signal path. This anti-aliasing filter will induce a small
systematic gain error on the AC input signals that can
be compensated in the digital section with the Digital
Gain Error Calibration register (GAINCAL).
5.3
ADC Programmable Gain
The gain of the converter is programmable and
controlled by the GAIN[2:0] bits in the CONFIG2
register. The ADC programmable gain is divided in two
gain stages: one in the analog domain, one in the digital
domain as per Table 5-3.
After the multiplexer, the analog input signals are
routed to the Delta-Sigma ADC inputs and are
amplified by the analog gain stage (see Section 5.3.1
“Analog Gain” for more details). The digital gain stage
is placed inside the digital decimation filter (see
Section 5.3.2 “Digital Gain” for more details).
5.3.1
ANALOG GAIN
The gain settings, from 0.33x to 16x, are done in the
analog domain. This analog gain is placed on each
ADC differential input. Each doubling of the gain
improves the thermal noise due to sampling by
approximately 3 dB, which means the lowest noise
configuration is obtained when using the highest analog
gain. The SNR, however, is degraded since doubling the
gain factor reduces the maximum allowable input signal
amplitude by approximately 6 dB.
If the gain is set to 0.33x, the differential input range
becomes theoretically ±3 * VREF; however, the device
does not support input voltages outside of the power
supply voltage range. If large reference voltages are
used with this gain, the input voltage range will be
clipped between AGND and AVDD, and therefore, the
output code span will be limited. This gain is useful
when the reference voltage is small and when the input
signal voltage is large.
The analog gain stage can be used to amplify very low
signals, but the differential input range of the
Delta-Sigma modulator must not be exceeded.
TABLE 5-3:
SIGMA-DELTA ADC GAIN SETTINGS
GAIN[2:0]
Total Gain
(V/V)
Analog Gain
(V/V)
Digital Gain
(V/V)
Total Gain
(dB)
VIN Range (V)
00
0
0.333
0.333
1
-9.5
±Min (AVDD,
3*VREF)
00
1
11
1
0
±VREF
01
0
22
1
6
±VREF/2
01
1
44
1
12
±VREF/4
10
0
88
1
18
±VREF/8
10
1
16
16
1
24
±VREF/16
11
0
32
16
2
30
±VREF/32
11
1
64
16
4
36
±VREF/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com