Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 48Page - Microchip Technology MCP3462 Datasheet HTML 49Page - Microchip Technology MCP3462 Datasheet HTML 50Page - Microchip Technology MCP3462 Datasheet HTML 51Page - Microchip Technology MCP3462 Datasheet HTML 52Page - Microchip Technology MCP3462 Datasheet HTML 53Page - Microchip Technology MCP3462 Datasheet HTML 54Page - Microchip Technology MCP3462 Datasheet HTML 55Page - Microchip Technology MCP3462 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
MCP3461/2/4
DS20006180D-page 52
 2019-2021 Microchip Technology Inc.
FIGURE 5-13:
MUX One-Shot Conversion Mode Timing Diagram.
FIGURE 5-14:
MUX Continuous Conversion Mode Timing Diagram.
Read ADC Data
Write
CONV_MODE =
0x or 10
SPI
Write
ADC_MODE =
11
MCLK
00
ADC_MODE
IRQ
TADC_SETU P
TCONV
tDODR
TSTP
Continuous Clocking
Don’t Care
11
ADC Data Read can be
Performed During this Time
Conversion
Start
(Generates
Pulse if
EN_STP =
1)
Don’t Care
‘
0x’ or ‘10’
Depending on CONV_MODE[1:0]
Shut down
ADC
STATUS
Shut down or Reset
Depending on CONV_MODE[1:0]
Conversion
Start-up
IRQ is Cleared
at First SCK Falling Edge
After ADC Read Start
Wri te
C ONV_MODE =
11
SPI
Wri te
AD C_MODE =
11
MCLK
ADC_MODE
IRQ
TADC_SET UP
TCONV
Read A DC
Data 1
11
Continuous Clocking
Don’t Care
1/DRCLK
TDRH
Shut down
ADC
STATUS
Data 2
Conversion
Data 1 Conversion
Start-up
Data 3
Conversion
1/DRCLK
TDRH
00
Read A DC
Data 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com