Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 65Page - Microchip Technology MCP3462 Datasheet HTML 66Page - Microchip Technology MCP3462 Datasheet HTML 67Page - Microchip Technology MCP3462 Datasheet HTML 68Page - Microchip Technology MCP3462 Datasheet HTML 69Page - Microchip Technology MCP3462 Datasheet HTML 70Page - Microchip Technology MCP3462 Datasheet HTML 71Page - Microchip Technology MCP3462 Datasheet HTML 72Page - Microchip Technology MCP3462 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 69
MCP3461/2/4
For continuous reading of ADCDATA in SPI Mode (0,0),
once the data have been completely read after a data
ready interrupt, the SDO pin will take the MSb value of
the previous data at the end of the reading (falling edge
of the last SCK clock). If SCK stays Idle at logic low (by
definition of Mode 0,0), the SDO pin will be updated at
the falling edge of the next data ready pulse (synchro-
nously with the IRQ pin falling edge with an output
timing of tDODR) with the new MSb of the data corre-
sponding to the data ready pulse. This mechanism
allows the device to continuously read ADC data
outputs seamlessly, even in SPI Mode (0,0).
In SPI Mode (1,1), the SDO pin stays in the last state
(LSb of previous data) after a complete reading, which
also allows seamless Continuous Read mode.
ADC output data can only be properly read after a
tDODR time, after the data ready interrupt is coming on
the IRQ pin. The tDODR timing is shorter than the time
necessary to input a command on the SDI pin, which
ensures proper reading in the case a new read com-
mand is triggered by the data ready interrupt. In case of
continuous reading (with CS pin kept logic low), the
tDODR timing must be carefully taken care of by the
MCU, but in general, the interrupt service time is longer
than the tDODR timing. Retrieving a data ready interrupt
by reading the STATUS byte or reading the IRQ
register automatically ensures that the tDODR timing is
respected.
6.5
Securing Read Communications
through CRC-16 Checksum
Since some applications can generate or receive large
EMI/EMC interferences and large transient spikes, it is
helpful to secure SPI communications as much as
possible to maintain data integrity and desired
configurations during the lifetime of the application.
The communication data on the SDO pin can be
secured through the insertion of a Cyclic Redundancy
Check (CRC) checksum at the end of each read
sequence. The CRC checksum on communications
can be enabled or disabled through the EN_CRCCOM
bit in the CONFIG3 register. The CRC message
ensures the integrity of the read sequence bits
transmitted on the SDO pin.
The CRC checksum in the MCP3461/2/4 devices uses
the 16-bit CRC-16 ANSI polynomial as defined in the
IEEE 802.3 standard: x16 +x15 +x2 +1.
This polynomial can also be noted as 0x8005. CRC-16
detects all single and double-bit errors, all errors with
an odd number of bits, all burst errors of 16 bits in
length or less and most errors for longer bursts. This
allows an excellent coverage of the SPI communication
errors that can happen in the system, and heavily
reduces the risk of a miscommunication, even under
noisy environments.
When enabled, the CRC checksum (CRCCOM[15:0])
is propagated on SDO after each read communication
sequence. In case of a Static Read command, the
checksum is propagated after each register read. In
case of an Incremental Read command, the checksum
is propagated after the last register read in the register
map (address 0xF). Figure 6-12 and Figure 6-13 show
typical read communications in Static and Incremental
Read modes when the EN_CRCCOM bit is enabled.
Since the STATUS byte is propagated on SDO, it is part
of the first message, and therefore, it is included in the
calculation of the first checksum. For subsequent
checksum calculations, the message only contains the
registers that are effectively read between two
checksums.
The CRC-16 format displayed on the SDO pin depends
on the CRC_FORMAT bit in the CONFIG3 register (see
Figure 6-11). It can either be 16-bit or 32-bit format to
be compatible with both 16-bit and 32-bit MCUs. The
CRCCOM[15:0] bits calculated by the device are not
dependent on the format (the device always calculates
a 16-bit only CRC checksum).
FIGURE 6-11:
CRC Format Table for Read
Communications.
The CRC calculation computed by the device is fully
compatible with CRC hardware contained in the Direct
Memory Access (DMA) of the PIC24 and PIC32 MCU
product lines. The CRC message that should be con-
sidered in the PIC® device’s DMA is the concatenation
of the read sequence and its associated checksum.
When the DMA CRC hardware computes this extended
message, the resulted checksum should be 0x0000.
Any other result indicates that a miscommunication has
happened and that the current communication
sequence should be stopped and restarted.
CRCCOM[15:0]
CRCCOM[15:0]
0x0000
CRC_FORMAT =
0:16-bit
(Default)
CRC_FORMAT =
1:32-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com