Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 66Page - Microchip Technology MCP3462 Datasheet HTML 67Page - Microchip Technology MCP3462 Datasheet HTML 68Page - Microchip Technology MCP3462 Datasheet HTML 69Page - Microchip Technology MCP3462 Datasheet HTML 70Page - Microchip Technology MCP3462 Datasheet HTML 71Page - Microchip Technology MCP3462 Datasheet HTML 72Page - Microchip Technology MCP3462 Datasheet HTML 73Page - Microchip Technology MCP3462 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
MCP3461/2/4
DS20006180D-page 70
 2019-2021 Microchip Technology Inc.
FIGURE 6-12:
SPI Static Read with Communication CRC Enabled.
FIGURE 6-13:
SPI Incremental Read with Communication CRC Enabled.
CRC Checksum
ADDR
Rollover
ADDRESS SET
Don’t Care
SCK
SDI
SDO
CS
High-Z
8x
ADDR
CMD[7:6] + ADDR + 01
Complete Read Sequence Including STATUS Byte
= First Message for CRC Calculation
...
...
Don’t Care
COMMAND
BYTE
CRC Checksum
ADDR
CRC Checksum
16x or 32x
Depending on
CRC Format
16x or 32x
Depending on
CRC Format
Depends on
ADDR
Depends on
ADDR
STATUS
BYTE
0
New Message
New Checksum
First Checksum
Don’t Care
SCK
SDI
SDO
CS
8x
Depends on
ADDR
ADDR
...
ADDR = 0xF
CMD[7:6] + ADDR + 11
Complete Read Sequence Including STATUS Byte
= First Message for CRC Calculation
ADDR + 1
Depending on
ADDR+1
...
16x
Depends on
Data Format
ADDR = 0x0
...
New Message
ADDR = 0x1
8x
...
16x
ADDR = 0xF
Don’t Care
COMMAND
BYTE
CRC Checksum
CRC Checksum
16x or 32x
Depending on
CRC Format
16x or 32x
Depending on
CRC format
CRC Checksum
(not part of register map)
New Checksum
First Checksum
STATUS
BYTE
ADDR
...
0xF
Complete
Read
Sequence
Rollover
ADDRESS SET
0x0
...
High-Z
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com