Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 57Page - Microchip Technology MCP3462 Datasheet HTML 58Page - Microchip Technology MCP3462 Datasheet HTML 59Page - Microchip Technology MCP3462 Datasheet HTML 60Page - Microchip Technology MCP3462 Datasheet HTML 61Page - Microchip Technology MCP3462 Datasheet HTML 62Page - Microchip Technology MCP3462 Datasheet HTML 63Page - Microchip Technology MCP3462 Datasheet HTML 64Page - Microchip Technology MCP3462 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 61
MCP3461/2/4
6.2.5
FAST COMMANDS DESCRIPTION
There are five possible Fast commands available in the
MCP3461/2/4 devices. For each command, only the
COMMAND byte has to be provided on the SPI port and
the command will be executed right after the
COMMAND byte has been clocked. The Fast command
codes are detailed in Table 6-1. All undefined command
address codes for Fast commands will be ignored and
will have no effect. SDO will stay in high-impedance after
the COMMAND byte for a Fast command until a CS
rising edge is provided. The Fast commands can be
enabled or disabled by placing the EN_FASTCMD bit in
the IRQ register to ‘1’ (default). Disabling Fast com-
mands can increase the security of the device because
it can avoid unwanted Fast commands to be executed,
which can be useful in harsh environments.
The ADC Start/Restart command (command address:
‘1010’) overwrites the ADC_MODE[1:0] bits to ‘11’,
creating a conversion start (or a restart if the
conversion was already running).
The ADC Standby mode command (command address:
‘1011’) overwrites the ADC_MODE[1:0] bits to ‘10’, and
is therefore, placing the ADC in Standby mode.
The ADC Shutdown mode command (command
address: ‘1100’) overwrites the ADC_MODE[1:0] bits to
‘00’, and is therefore, placing the ADC in ADC Shutdown
mode.
The Full Shutdown mode command (command
address: ‘1101’) is overwriting the CONFIG0 register to
0x00h, which places the device in full ADC Shutdown
mode. (see Section 5.9 “Low-Power Shutdown
Modes” for a full description of this mode).
The Full Reset command (command address: ‘1110’)
resets the whole device and places the whole register
map into its default state condition, including the
non-writable registers. The only difference with a POR
event is that the POR_STATUS bit in the IRQ register
is set to ‘1’ after a full Reset and is reset to ‘0’ after a
POR event. The Full Reset command is the only way
with POR to clear the ADC Data Output register to its
default value.
6.2.6
DEVICE ADDRESS AND STATUS
BYTE DURING CONTROL BYTE
During the clocking of the COMMAND byte on the SDI
pin, the SDO pin displays a STATUS byte to help the
user to quickly retrieve interrupt status information.
The STATUS byte permits fast polling of the different
interrupts without having to read the IRQ register. How-
ever, it requires a MCU that can communicate in
Full-Duplex mode (SDI and SDO are clocked at the
same time). For MCUs that are only half-duplex, and
for devices that do not incorporate a separate IRQ pin,
or for applications that do not connect the existing IRQ
pin, the polling of the IRQ status can still be done by
reading the IRQ register continuously.
The STATUS byte structure is described in Figure 6-2.
FIGURE 6-2:
STATUS Byte.
The first two bits are always equal to ‘0’ and SDO
toggles to ‘0’ as soon as a CS pin falling edge is
performed. This allows the application of multiple
devices with different device addresses sharing one
common SPI bus and avoiding bus contention during
STATUS byte clocking.
The next three bits of the STATUS byte give a confirma-
tion (Acknowledge) of the hard-coded device address.
If the device address of the COMMAND byte and the
internal device address of the chip match, these three
bits will be transmitted and they are equal to:
• STAT[5:4] = DEV_ADDR[1:0]
• STAT[3] = DEV_ADDR[0]
The STAT[3] bit permits the user to distinguish the SDO
output from a High-Impedance state (device address is
not matched) as the bits, STAT[4] and STAT[3], are
complementary and will induce a toggle on the SDO
output.
If the two device address bits are not matched with the
internally hard-coded device address bits, SDO is
maintained in a High-Impedance state during the rest
of the communication and the command is ignored.
This behavior avoids potential bus contention errors if
multiple devices with different device addresses are
sharing the same SPI bus, as after the transmission of
the first two bits, only one device is responding to the
command (all other devices with non-matching device
addresses have SDO kept in high-impedance). In this
case, the user needs to abort the communication (CS
rising edge) to be able to perform another command.
The three LSbs of the STATUS byte are the three
interrupt status bits:
• STAT[2] = DR_STATUS ADC (Data Ready
Interrupt Status)
• STAT[1] = CRCCFG_STATUS (CRC Checksum
Error on the Register Map Interrupt Status)
• STAT[0] = POR_STATUS (POR Interrupt Status)
STAT[7]
0
STAT[6]
STAT[5]
STAT[4]
STAT[3]
STAT[2]
STAT[1]
STAT[0]
0
DEV_ADDR
[1]
DEV_ADDR
[0]
DEV_ADDR
[0]
DR_ST ATUS
CRCCFG_
ST ATUS
POR_ST ATUS
Device Address
Acknowledge bits
Interrupt Status bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com