Electronic Components Datasheet Search
  English  ▼

X  

MCP3462 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3462 Datasheet HTML 1Page - Microchip Technology MCP3462 Datasheet HTML 2Page - Microchip Technology MCP3462 Datasheet HTML 3Page - Microchip Technology MCP3462 Datasheet HTML 4Page - Microchip Technology MCP3462 Datasheet HTML 5Page - Microchip Technology MCP3462 Datasheet HTML 6Page - Microchip Technology MCP3462 Datasheet HTML 7Page - Microchip Technology MCP3462 Datasheet HTML 8Page - Microchip Technology MCP3462 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 5
MCP3461/2/4
1.0
ELECTRICAL CHARACTERISTICS
1.1
Electrical Specifications
Absolute Maximum Ratings(†)
DV
DD
, AVDD ......................................................................................................................................................-0.3 to 4.0V
Digital Inputs and Outputs w.r.t. DGND ............................................................................................ -0.3V to DVDD +0.3V
Analog Inputs w.r.t. AGND .................................................................................................................-0.3V to AVDD +0.3V
Current at Input Pins ..............................................................................................................................................±5 mA
Current at Output and Supply Pins ......................................................................................................................±20 mA
Storage Temperature ..............................................................................................................................-65°C to +150°C
Ambient Temperature with Power Applied ..............................................................................................-65°C to +125°C
Soldering Temperature of Leads (10 seconds) ..................................................................................................... +300°C
Maximum Junction Temperature (TJ)........................................................................................... .........................+150°C
ESD on the Analog Inputs (HBM)
  6.0 kV
ESD on All Other Pins (HBM)
  6.0 kV
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions, above
those indicated in the operational listings of this specification, is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com