Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 45 Page - Texas Instruments

Back Button INA333 Datasheet HTML 40Page - Texas Instruments INA333 Datasheet HTML 41Page - Texas Instruments INA333 Datasheet HTML 42Page - Texas Instruments INA333 Datasheet HTML 43Page - Texas Instruments INA333 Datasheet HTML 44Page - Texas Instruments INA333 Datasheet HTML 45Page - Texas Instruments INA333 Datasheet HTML 46Page - Texas Instruments INA333 Datasheet HTML 47Page - Texas Instruments INA333 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
10X
0.30
0.18
2.4 0.1
2X
2
1.65 0.1
8X 0.5
1.0
0.8
10X
0.5
0.3
0.05
0.00
A
3.1
2.9
B
3.1
2.9
(0.2) TYP
4X (0.25)
2X (0.5)
VSON - 1 mm max height
DRC0010J
PLASTIC SMALL OUTLINE - NO LEAD
4218878/B 07/2018
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
SYMM
SYMM
11
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com