Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Operating Voltage
The INA592 operates from single (4.5 V to 36 V) or dual (±2.25 V to ±18 V) supplies with excellent performance.
Specifications are production tested with 5-V and ±15-V supplies. Most behavior remains unchanged throughout
the full operating voltage range. Parameters that vary significantly with operating voltage are shown in the
Section 7.7. The internal op amp in the INA592 is a single-supply design. This design allows linear operation
with the op amp common-mode voltage equal to, or slightly less than V– (or single-supply ground). Although
input voltages on pins 2 and 3 that are bless than the negative supply voltage do not damage the device,
operation in this region is not recommended. Transient conditions at the inverting input terminal less than the
negative supply can cause a positive feedback condition that could lock the device output to the negative rail.
The INA592 can accurately measure differential signals that are greater than the positive power supply. For
example in G = ½, the linear common-mode range extends to nearly three times the positive power-supply
voltage; see the Typical Characteristics as well as Section 9.2.1.2.3.
9.2.1.2.2 Offset Voltage Trim
The INA592 is production trimmed for low offset voltage and drift. Most applications require no external offset
adjustment. Figure 9-2 shows an optional circuit for trimming the output offset voltage. The output is referred
to the output reference terminal (pin 1), which is normally grounded. A voltage applied to the REF pin is
summed with the output signal. This summing operation can be used to null offset voltage. To maintain good
common-mode rejection, the source impedance of a signal applied to the REF pin must be less than 8 Ω. For
low impedance at the REF pin, the trim voltage can be buffered with an op amp, such as the OPA177.
V
3
5
6
3
V
O
INA592
V
O = V3 – V2
Offset Adjustment
Range = ±500 µV
2
R
3
Ref
R
1
R
2
R
4
V
2
8 W
R = 237 kW
8 W
100 kW
+15 V
–15 V
1
NOTE: For ±750 µV range, R = 158 k .
W
Copyright © 2017, Texas Instruments Incorporated
Figure 9-2. Offset Adjustment
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com