Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
Figure 9-1 shows the basic connections required for operation of the INA592. Connect power supply bypass
capacitors close to the device pins.
The differential input signal is connected to pins 2 and 3 as shown. The source impedances connected to the
inputs must be nearly equal to provide good common-mode rejection. An 8-Ω mismatch in source impedance
degrades the common-mode rejection of a typical device to approximately 80 dB. Gain accuracy is also slightly
affected. If the source has a known impedance mismatch, use an additional resistor in series with one input to
preserve good common-mode rejection.
9.2 Typical Applications
9.2.1 Basic Power Supply and Signal Connections
12 k
6 k
2
3
1
6
5
±IN
+IN
V
OUT
OUT
IN
IN
1
V
V
V
2
˜
V
REF = GND
V±
V+
7
4
12 k
6 k
R
L
R
L
R
1
R
2
R
3
R
4
C1
C2
SENSE
OUT
REF
V
±IN
V
+IN
Figure 9-1. Basic Power Supply and Signal Connections
9.2.1.1 Design Requirements
For the application shown in Figure 9-1, the design requirements are:
• Gain of G = ½
• Offset of output voltage VoutOS = 0 V
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com