Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7.6 Electrical Characteristics: G = 2 (continued)
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
BW
Small-signal –3 dB-
bandwidth
0.8
MHz
SR
Slew rate
18
V/µs
tS
Settling time
To 0.1% of final value, VO = 10-V step
1.0
µs
To 0.01% of final value, VO = 10-V step
1.7
THD+N
Total harmonic
distortion + noise
f = 1 kHz, VO = 2.8 VRMS
0.00066
%
Noise floor, RTO
80-kHz bandwidth, VO = 3.5 VRMS
–110
dB
tDR
Overload recovery
time
200
ns
POWER SUPPLY
IQ
Quiescent current
IO = 0 mA
1.1
1.2
mA
TA = –40°C to
+125°C
1.5
(1)
Includes effects of input bias and offset currents of amplifier.
(2)
Resistors are ratio matched but have ±20% absolute value.
(3)
Specified by wafer test to 95% confidence level.
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com