Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Frequency (Hz)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR
PSRR
G = 1/2
Figure 7-25. PSRR vs Frequency (RTI)
Frequency (Hz)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR
PSRR
G = 2
Figure 7-26. PSRR vs Frequency (RTI)
Gain Error (%)
0
10%
20%
30%
40%
50%
0.03
0.005
0.01
0.015
0.02
0.025
0
N = 470
Mean = 0.0085%
Std. Dev. = 0.0014%
G = 1/2
Figure 7-27. Typical Distribution of Gain Error
Gain Error (%)
0
10%
20%
30%
40%
50%
-0.03
0
-0.025
-0.02
-0.015
-0.01
-0.005
N = 470
Mean = –0.0076%
Std. Dev. = 0.0015 %
G = 2
Figure 7-28. Typical Distribution of Gain Error
Temperature ( C )
-40
-20
0
20
40
60
80
100
120
140
0.002
0.0025
0.003
0.0035
0.004
0.0045
0.005
0.0055
0.006
0.0065
0.007
0.0075
0.008
0.0085
0.009
0.0095
G = 1/2
30 Units
Figure 7-29. Gain Error vs Temperature
Temperature ( C )
-40
-20
0
20
40
60
80
100
120
140
-0.01
-0.0095
-0.009
-0.0085
-0.008
-0.0075
-0.007
-0.0065
-0.006
-0.0055
-0.005
-0.0045
-0.004
-0.0035
-0.003
-0.0025
-0.002
G = 2
30 Units
Figure 7-30. Gain Error vs Temperature
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com