Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments INA333 Datasheet HTML 26Page - Texas Instruments INA333 Datasheet HTML 27Page - Texas Instruments INA333 Datasheet HTML 28Page - Texas Instruments INA333 Datasheet HTML 29Page - Texas Instruments INA333 Datasheet HTML 30Page - Texas Instruments INA333 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
9.2.1.3 Application Curve
The interaction between the output stage of an operational amplifier (op amp) and capacitive loads can impact
the stability of the circuit. Throughout the industry, op-amp output-stage requirements have changed greatly
since their original creation. Classic output stages with the class-AB, common-emitter, bipolar-junction transistor
(BJT) have now been replaced with common-collector BJT and common-drain, complementary metal-oxide
semiconductor (CMOS) devices. Both of these technologies enable rail-to-rail output voltages for single-supply
and battery-powered applications. A result of changing these output-stage structures is that the op-amp open-
loop output impedance (ZO) changed from the largely resistive behavior of early BJT op amps to a frequency-
dependent ZO that features capacitive, resistive, and inductive portions. Proper understanding of ZO over
frequency, and also the resulting closed-loop output impedance over frequency, is crucial for the understanding
of loop-gain, bandwidth, and stability analysis. Figure 9-4 shows how the INA592 closed-loop output impedance
varies over frequency.
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
G = 2
G = 0.5
VS = ±18 V
Figure 9-4. Closed-Loop Output Impedance vs Frequency
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com