Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA320GFMLTH Datasheet(PDF) 15 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 19Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
15
2.
Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8,A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9,A7, A5, A3, A1, M7, M5, M3, M1
3.
Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3, …..)
4.
Quad Input Address
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
5.
Quad I/O Fast Read Data
IO0 = (x, x, x, x, D4, D0,…)
IO1 = (x, x, x, x, D5, D1,…)
IO2 = (x, x, x, x, D6, D2,…)
IO3 = (x, x, x, x, D7, D3,…)
6.
Quad I/O Word Fast Read Data
IO0 = (x, x, D4, D0,…)
IO1 = (x, x, D5, D1,…)
IO2 = (x, x, D6, D2,…)
IO3 = (x, x, D7, D3,…)
7.
Quad I/O Word Fast Read Data: the lowest address bit must be 0
8.
Security Registers Address :
Security Register1: A23-A16=00H, A15-A8=01H, A7-A0= Byte Address;
Security Register2: A23-A16=00H, A15-A8=02H, A7-A0= Byte Address;
Security Register3: A23-A16=00H, A15-A8=03H, A7-A0= Byte Address.
9.
QPI Command, Address, Data input/output format:
CLK# 0 1
2
3 4
56 7 8 9 10 11
IO0 = C4, C0, A20, A16, A12, A8, A4, A0, D4, D0, D4, D0
IO1 = C5, C1, A21, A17, A13, A9, A5, A1, D5, D1, D5, D1
IO2 = C6, C2, A22, A18, A14, A10, A6, A2, D6, D2, D6, D2
IO3 = C7, C3, A23, A19, A15, A11, A7, A3, D7, D3, D7, D3
10. QPI mode: Release from Deep Power-Down, And Read Device ID (ABH)
N dummy cycles should be inserted before ID read cycle, refer to C0H command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com