Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA320GFMLTH Datasheet(PDF) 31 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 31 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
31
The command sequence is shown in Figure 15. If more than 256 bytes are sent to the device, previously
latched data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within
the same page. If less than 256 data bytes are sent to device, they are correctly programmed at the
requested ad- dresses without having any effects on the other bytes of the same page. CS# must be
driven high after the eighth bit of the last data byte has been latched in; otherwise the Quad Page
Program command is not executed.
As soon as CS# is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is
initiated. While the Quad Page Program cycle is in progress, the Status Register may be read to check
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed
Quad Page Program cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
A Quad Page Program command applied to a page which is protected by the Block Protect (BP4, BP3,
BP2, BP1, BP0) will not be executed.
Sector Erase (SE) (20H)
The Sector Erase (SE) command is for erasing the all data of the chosen sector. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase
(SE) command is entered by driving CS# low, followed by the command code, and 3-address byte on SI.
Any address inside the sector is a valid address for the Sector Erase (SE) command. CS# must be driven
low for the entire duration of the sequence.
Figure15. Quad Page Program Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com