Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA320GFMLTH Datasheet(PDF) 20 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 20 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
20
As soon as CS# is driven high, the self-timed Write Status Register cycle (whose duration is tW) is
initiated. While the Write Status Register cycle is in progress, the Status Register can still be read to check
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed
Write Status Register cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable
Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect
(BP4, BP3,BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only, as
defined in Table1. The Write Status Register (WRSR) command also allows the user to set or reset the
Status Register Protect (SRP) bit in accordance with the Write Protect (WP#) signal. The Status Register
Protect (SRP) bit and Write Protect (WP#) signal allow the device to be put in the Hardware Protected
Mode. The Write Status Register (WRSR) command is not executed once the Hardware Protected Mode
is entered.
Figure5. Write Status Register Sequence Diagram
Figure5a. Write Status Register Sequence Diagram (QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com