Electronic Components Datasheet Search
  English  ▼

X  

ACE25AA320GFMLTH Datasheet(PDF) 58 Page - ACE Technology Co., LTD.

Part # ACE25AA320GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA320GFMLTH Datasheet(HTML) 58 Page - ACE Technology Co., LTD.

Back Button ACE25AA320GFMLTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25AA320GFMLTH Datasheet HTML 62Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
ACE25AA320G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.2
58
tRES1
CS# High To Standby Mode Without Electronic
Signature Read
20
us
tRES2
CS# High To Standby Mode With Electronic
Signature Read
20
us
tSUS
CS# High To Next Command After Suspend
20
us
tRST_R
CS# High To Next Command After Reset
(from read)
20
us
tRST_P
CS# High To Next Command After Reset
(from program)
20
us
tRST_E
CS# High To Next Command After Reset
(from erase)
12
ms
tW
Write Status Register Cycle Time
100
200
ms
tPP
Page Programming Time
0.25
0.7
ms
tSE
Sector Erase Time
50
300
ms
tBE
Block Erase Time(32K Bytes/64K Bytes)
0.15/0.25 0.5/0.75
s
tCE
Chip Erase Time
10
30
s
Figure36. Serial Input Timing
Figure37. Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com