Electronic Components Datasheet Search
  English  ▼

X  

MPC755EC Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 14Page - NXP Semiconductors MPC755EC Datasheet HTML 15Page - NXP Semiconductors MPC755EC Datasheet HTML 16Page - NXP Semiconductors MPC755EC Datasheet HTML 17Page - NXP Semiconductors MPC755EC Datasheet HTML 18Page - NXP Semiconductors MPC755EC Datasheet HTML 19Page - NXP Semiconductors MPC755EC Datasheet HTML 20Page - NXP Semiconductors MPC755EC Datasheet HTML 21Page - NXP Semiconductors MPC755EC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
18
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 11. L2CLK Output AC Timing Specification
At recommended operating conditions (see Table 3)
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L2CLK frequency
fL2CLK
80
450
MHz
1, 4
L2CLK cycle time
tL2CLK
2.5
12.5
ns
L2CLK duty cycle
tCHCL/tL2CLK
45
55
%
2, 7
Internal DLL-relock time
640
—
L2CLK
3, 7
DLL capture window
0
10
ns
5, 7
L2CLK_OUT output-to-output skew
tL2CSKW
—50
ps
6, 7
L2CLK_OUT output jitter
—
±150
ps
6, 7
Notes:
1. L2CLK outputs are L2CLK_OUTA, L2CLK_OUTB, L2CLK_OUT, and L2SYNC_OUT pins. The L2CLK frequency-to-core
frequency settings must be chosen such that the resulting L2CLK frequency and core frequency do not exceed their
respective maximum or minimum operating frequencies. The maximum L2LCK frequency will be system dependent.
L2CLK_OUTA and L2CLK_OUTB must have equal loading.
2. The nominal duty cycle of the L2CLK is 50% measured at midpoint voltage.
3. The DLL-relock time is specified in terms of L2CLK periods. The number in the table must be multiplied by the period of
L2CLK to compute the actual time duration in ns. Relock timing is guaranteed by design and characterization.
4. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 110 MHz. This adds more delay to each tap of the DLL.
5. Allowable skew between L2SYNC_OUT and L2SYNC_IN.
6. This output jitter number represents the maximum delay of one tap forward or one tap back from the current DLL tap as the
phase comparator seeks to minimize the phase difference between L2SYNC_IN and the internal L2CLK. This number must
be comprehended in the L2 timing analysis. The input jitter on SYSCLK affects L2CLK_OUT and the L2 address/data/control
signals equally and, therefore, is already comprehended in the AC timing and does not have to be considered in the L2 timing
analysis.
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com