Electronic Components Datasheet Search
  English  ▼

X  

MPC755EC Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 16Page - NXP Semiconductors MPC755EC Datasheet HTML 17Page - NXP Semiconductors MPC755EC Datasheet HTML 18Page - NXP Semiconductors MPC755EC Datasheet HTML 19Page - NXP Semiconductors MPC755EC Datasheet HTML 20Page - NXP Semiconductors MPC755EC Datasheet HTML 21Page - NXP Semiconductors MPC755EC Datasheet HTML 22Page - NXP Semiconductors MPC755EC Datasheet HTML 23Page - NXP Semiconductors MPC755EC Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
20
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 8 shows the L2 bus input timing diagrams for the MPC755.
Figure 8. L2 Bus Input Timing Diagrams
L2SYNC_IN to high impedance:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOZ
—
—
—
—
2.4
2.6
2.8
3.0
ns
3, 5
Notes:
1. Rise and fall times for the L2SYNC_IN input are measured from 20% to 80% of L2OVDD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising edge of
the input L2SYNC_IN (see Figure 8). Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint of the
signal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load (see
Figure 10).
4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous BurstRAMs,
L2CR[14–15] = 01 or 10 is recommended. For pipelined late write synchronous BurstRAMs, L2CR[14–15] = 11 is
recommended.
5. Guaranteed by design and characterization.
6. Revisions prior to Rev. 2.8 (Rev. E) were limited in performance and did not conform to this specification. For more
information, refer to Section 10.2, “Part Numbers Not Fully Addressed by This Document.”
Table 12. L2 Bus Interface AC Timing Specifications (continued)
At recommended operating conditions (see Table 3)
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L2SYNC_IN
L2 Data and Data
VM
VM = Midpoint Voltage (L2OVDD/2)
tDVL2CH
tDXL2CH
tL2CR
tL2CF
Parity Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com