Electronic Components Datasheet Search
  English  ▼

X  

MPC755EC Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 23Page - NXP Semiconductors MPC755EC Datasheet HTML 24Page - NXP Semiconductors MPC755EC Datasheet HTML 25Page - NXP Semiconductors MPC755EC Datasheet HTML 26Page - NXP Semiconductors MPC755EC Datasheet HTML 27Page - NXP Semiconductors MPC755EC Datasheet HTML 28Page - NXP Semiconductors MPC755EC Datasheet HTML 29Page - NXP Semiconductors MPC755EC Datasheet HTML 30Page - NXP Semiconductors MPC755EC Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
27
Pinout Listings
6
Pinout Listings
Table 14 provides the pinout listing for the MPC745, 255 PBGA package.
Table 14. Pinout Listing for the MPC745, 255 PBGA Package
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes
A[0:31]
C16, E4, D13, F2, D14, G1, D15, E2, D16, D4, E13, G2,
E15, H1, E16, H2, F13, J1, F14, J2, F15, H3, F16, F4,
G13, K1, G15, K2, H16, M1, J15, P1
High
I/O
OVDD
AACK
L2
Low
Input
OVDD
ABB
K4
Low
I/O
OVDD
AP[0:3]
C1, B4, B3, B2
High
I/O
OVDD
ARTRY
J4
Low
I/O
OVDD
AVDD
A10
—
—
2.0 V
BG
L1
Low
Input
OVDD
BR
B6
Low
Output
OVDD
BVSEL
B1
High
Input
OVDD
3, 4, 5
CI
E1
Low
Output
OVDD
CKSTP_IN
D8
Low
Input
OVDD
CKSTP_OUT
A6
Low
Output
OVDD
CLK_OUT
D7
—
Output
OVDD
DBB
J14
Low
I/O
OVDD
DBG
N1
Low
Input
OVDD
DBDIS
H15
Low
Input
OVDD
DBWO
G4
Low
Input
OVDD
DH[0:31]
P14, T16, R15, T15, R13, R12, P11, N11, R11, T12,
T11, R10, P9, N9, T10, R9, T9, P8, N8, R8, T8, N7, R7,
T7, P6, N6, R6, T6, R5, N5, T5, T4
High
I/O
OVDD
DL[0:31]
K13, K15, K16, L16, L15, L13, L14, M16, M15, M13,
N16, N15, N13, N14, P16, P15, R16, R14, T14, N10,
P13, N12, T13, P3, N3, N4, R3, T1, T2, P4, T3, R4
High
I/O
OVDD
DP[0:7]
M2, L3, N2, L4, R1, P2, M4, R2
High
I/O
OVDD
DRTRY
G16
Low
Input
OVDD
GBL
F1
Low
I/O
OVDD
GND
C5, C12, E3, E6, E8, E9, E11, E14, F5, F7, F10, F12,
G6, G8, G9, G11, H5, H7, H10, H12, J5, J7, J10, J12,
K6, K8, K9, K11, L5, L7, L10, L12, M3, M6, M8, M9,
M11, M14, P5, P12
——
GND
HRESET
A7
Low
Input
OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com