Electronic Components Datasheet Search
  English  ▼

X  

MPC755EC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 31Page - NXP Semiconductors MPC755EC Datasheet HTML 32Page - NXP Semiconductors MPC755EC Datasheet HTML 33Page - NXP Semiconductors MPC755EC Datasheet HTML 34Page - NXP Semiconductors MPC755EC Datasheet HTML 35Page - NXP Semiconductors MPC755EC Datasheet HTML 36Page - NXP Semiconductors MPC755EC Datasheet HTML 37Page - NXP Semiconductors MPC755EC Datasheet HTML 38Page - NXP Semiconductors MPC755EC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
35
Package Description
7.5
Package Parameters for the MPC755 PBGA
The package parameters are as provided in the following list. The package type is 25
× 25 mm, 360-lead
plastic ball grid array (PBGA).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.22 mm
Maximum module height
2.77 mm
Ball diameter
0.75 mm (29.5 mil)
7.6
Mechanical Dimensions for the MPC755
Figure 20 provides the mechanical dimensions and bottom surface nomenclature for the MPC755, 360
PBGA package.
Figure 20. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC755,
360 PBGA Package
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE A1 CORNER IS
DESIGNATED WITH A BALL MISSING
FROM THE ARRAY.
0.2
B
C
360X
D
2X
A1 CORNER
E
e
0.2
2X
B
A
123456789 10 111213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
C
0.2 C
171819
U
W
V
Millimeters
DIM
Min
Max
A
2.22
2.77
A1
0.50
0.70
A2
1.00
1.20
A3
—0.60
b
0.60
0.90
D
25.00 BSC
D1
6.75
E
25.00 BSC
E1
7.87
e
1.27 BSC
E1
D1
A
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com