Electronic Components Datasheet Search
  English  ▼

X  

MPC755EC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC755EC
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755EC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC755EC Datasheet HTML 18Page - NXP Semiconductors MPC755EC Datasheet HTML 19Page - NXP Semiconductors MPC755EC Datasheet HTML 20Page - NXP Semiconductors MPC755EC Datasheet HTML 21Page - NXP Semiconductors MPC755EC Datasheet HTML 22Page - NXP Semiconductors MPC755EC Datasheet HTML 23Page - NXP Semiconductors MPC755EC Datasheet HTML 24Page - NXP Semiconductors MPC755EC Datasheet HTML 25Page - NXP Semiconductors MPC755EC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
22
Freescale Semiconductor
Electrical and Thermal Characteristics
4.2.5
IEEE 1149.1 AC Timing Specifications
Table 13 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 12 through
Figure 15.
Figure 11 provides the AC test load for TDO and the boundary-scan outputs of the MPC755.
Figure 11. AC Test Load for the JTAG Interface
Table 13. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 3)
Parameter
Symbol
Min
Max
Unit
Notes
TCK frequency of operation
fTCLK
016
MHz
TCK cycle time
tTCLK
62.5
—
ns
TCK clock pulse width measured at 1.4 V
tJHJL
31
—
ns
TCK rise and fall times
tJR, tJF
02
ns
TRST assert time
tTRST
25
—
ns
2
Input setup times:
Boundary-scan data
TMS, TDI
tDVJH
tIVJH
4
0
—
—
ns
3
Input hold times:
Boundary-scan data
TMS, TDI
tDXJH
tIXJH
15
12
—
—
ns
3
Valid times:
Boundary-scan data
TDO
tJLDV
tJLOV
—
—
4
4
ns
4
Output hold times:
Boundary-scan data
TDO
tJLDH
tJLOH
25
12
—
—
ns
4
TCK to output high impedance:
Boundary-scan data
TDO
tJLDZ
tJLOZ
3
3
19
9
ns
4, 5
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of the signal in question.
The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load (see Figure 11).
Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2. TRST is an asynchronous level sensitive signal which must be asserted for this minimum time to be recognized.
3. Non-JTAG signal input timing with respect to TCK.
4. Non-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com