Electronic Components Datasheet Search
  English  ▼

X  

ACE34AC04 Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE34AC04
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04 Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE34AC04 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
16
Figure 12: Read RSWP
X = Don’t care
Figure 13: SCL and SDA Bus Timing
X = Don’t care
Electrical Specifications
(A)
Power-Up Requirements
During a power-up sequence, the VCC supplied to the device should monotonically rise from GND to
the minimum VCC level, with a slew rate no faster than 0.05 V/μs and no slower then 0.1 V/ms. A
decoupling cap should be connected to the VCC PAD which is no smaller than 10nF.
(B)
Device Reset
To prevent inadvertent write operations or any other spurious events from occurring during a
power-up sequence, this device includes a Power-on Reset (POR) circuit. Upon power-up, the
device will not respond to any commands until the VCC level crosses the internal voltage threshold
(VPOR) that brings the device out of Reset and into Standby mode. The system designer must
ensure the instructions are not sent to the device until the VCC supply has reached a stable value
greater than or equal to the minimum VCC level.
Figure 14: Power on and Power down
If an event occurs in the system where the VCC level supplied to the device drops below the maximum
VPOR level specified, it is recommended that a full power cycle sequence be performed by first driving the
VCC pin to GND, waiting at least the minimum tPOFF time and then performing a new power-up sequence
in compliance with the requirements defined in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com