Electronic Components Datasheet Search
  English  ▼

X  

ACE34AC04 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE34AC04
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE34AC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
5
(D)
Acknowledge
The 2-wire protocol transmits address and data to and from the EEPROM in 8 bit words. The
EEPROM acknowledges the data or address by outputting a "0" after receiving each word. The
ACKNOWLEDGE signal occurs on the 9th serial clock after each word.
(E)
No-ACKNOWLEDGE (NACK)
When the ACE34AC04 is transmitting data to the Master, the Master can indicate that it is done
receiving data and wants to end the operation by sending a NACK response to the ACE34AC04
instead of an ACK response. This is accomplished by the Master outputting a Logic 1 during the
ACK/NACK clock cycle, at which point theACE34AC04 will release the SDA line so that the Master
can then generate a Stop condition.
(F)
Standby Mode
The EEPROM goes into low power STANDBY mode after a fresh power up, after receiving a STOP
bit in read mode, or after completing a self-time internal programming operation.
Figure 1: Timing diagram for start and stop conditions
Figure 2: Timing diagram for output acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com