Electronic Components Datasheet Search
  English  ▼

X  

ACE34AC04 Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE34AC04
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04 Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE34AC04 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
11
Read Operations
The read command is similar to the write command except the 8th read/write bit in address word is set to
“1”. The three read operation modes are described as follows:
(A)
Current Address Read
The EEPROM internal address word counter maintains the last read or write address plus one if the
power supply to the device has not been cut off. To initiate a current address read operation, the
micro-controller issues a START bit and a valid device address word with the read/write bit (8th) set
to “1”. The EEPROM will response with an ACKNOWLEDGE signal on the 9
th serial clock cycle. An
8-bit data word will then be serially clocked out. The internal address word counter will then
automatically increase by one. The address roll-over during a Read is from the last byte of the last
page to the first byte of the first page of the addressed 2-Kbit (depends on the current SPA setting).
For current address read the micro-controller will not issue an ACKNOWLEDGE signal on the 18th
clock cycle. The micro-controller issues a valid STOP bit after the 18
th clock cycle to terminate the
read operation. The device then returns to STANDBY mode.
(B)
Sequential Read
The sequential read is very similar to current address read. The micro-controller issues a START bit
and a valid device address word with read/write bit (8
th) set to “1”. The EEPROM will response with
an ACKNOWLEDGE signal on the 9th serial clock cycle. An 8-bit data word will then be serially
clocked out. Meanwhile the internally address word counter will then automatically increase by one.
Unlike current address read, the micro-controller sends an ACKNOWLEDGE signal on the 18
th clock
cycle signaling the EEPROM device that it wants another byte of data. Upon receiving the
ACKNOWLEDGE signal, the EEPROM will serially clocked out an 8-bit data word based on the
incremented internal address counter. If the micro-controller needs another data, it sends out an
ACKNOWLEDGE signal on the 27
th clock cycle. Another 8-bit data word will then be serially clocked
out. This sequential read continues as long as the micro-controller sends an ACKNOWLEDGE signal
after receiving a new data word. When the internal address counter reaches its maximum valid
address, it rolls over to the beginning of the memory array address. Similar to current address read,
the micro-controller can terminate the sequential read by not acknowledging the last data word
received, but sending a STOP bit afterwards instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com