Electronic Components Datasheet Search
  English  ▼

X  

ACE34AC04 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE34AC04
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE34AC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
4
Device Operation
The ACE34AC04 operates as a slave device and utilizes a simple 2-wire digital serial interface,
compatible with the I2C Fast-Mode Plus (I2C FM+) protocol, to communicate with a host controller,
commonly referred to as the bus Master. The Master initiates and controls all Read and Write operations
to the slave devices on the serial bus and both the Master and the slave devices can transmit and receive
data on the bus. The serial interface is comprised of just two signal lines: the Serial Clock (SCL) and the
Serial Data (SDA). The SCL pin is used to receive the clock signal from the Master, while the bidirectional
SDA pin is used to receive command and data information from the Master, as well as, to send data back
to the Master. Data is always latched into the ACE34AC04 on the rising edge of SCL and is always output
from the device on the falling edge of SCL. Both the SCL and SDA pin incorporate integrated spike
suppression filters and Schmitt Triggers to minimize the effects of input spikes and bus noise. All
command and data information is transferred with the Most-Significant Bit (MSB) first. During the bus
communication, one data bit is transmitted every clock cycle, and after eight bits (one byte) of data has
been transferred, the receiving device must respond with either an acknowledge (ACK) or a no-
acknowledge (NACK) response bit during a ninth clock cycle (ACK/NACK clock cycle) generated by the
Master. Therefore, nine clock cycles are required for every one byte of data transferred. There are no
unused clock cycles during any Read or Write operation so there must not be any interruptions or breaks
in the data stream during each data byte transfer and ACK or NACK clock cycle. During data transfers,
data on the SDA pin must only change while SCL is low, and the data must remain stable while SCL is
high. If data on the SDA pin changes while SCL is high, then either a Start or a Stop condition will occur.
Start and Stop conditions are used to initiate and end all serial bus communication between the Master
and the slave devices. The number of data bytes transferred between a Start and a Stop condition is not
limited and is determined by the Master. In order for the serial bus to be idle, both the SCL and SDA pins
must be in the Logic 1 state at the same time.
(A)
Serial Clock And Data Transitions
The SDA pin is typically pulled to high by an external resistor. Data is allowed to change only when
Serial clock SCL is at VIL. Any SDA signal transition may interpret as either a START or STOP
condition as described below.
(B)
Start Condition
With SCL ≥ VIH, a SDA transition from high to low is interpreted as a START condition. All valid
commands must begin with a START condition.
(C)
Stop Condition
With SCL ≥ VIH, a SDA transition from low to high is interpreted as a STOP condition. All valid read
or write commands end with a STOP condition. The device goes into the STANDBY mode if it is after
a read command.
A STOP condition after page or byte write command will trigger the chip into the STANDBY mode
after the self- timed internal programming finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com