Electronic Components Datasheet Search
  English  ▼

X  

ACE34AC04 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE34AC04
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE34AC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
2
Absolute Maximum Ratings
Industrial operating temperature
-40℃to 85℃
Storage temperature
-50℃ to 125℃
Input voltage on any pin relative to ground
-0.3V to VCC + 0.3V
Maximum voltage
8V
ESD protection on all pins
>2000V
*Notice: Stresses exceed those listed under “Absolute Maximum Rating” may cause permanent damage to the device. Functional
operation of the device at conditions beyond those listed in the specification is not guaranteed. Prolonged exposure to extreme
conditions may affect device reliability or functionality.
Packaging Type
SOP-8
TSSOP-8
USON3*2-8
Pin Configurations
Pin Name
Pin Function
A2, A1, A0
Device Address Inputs
SDA
Serial Data Input / Open Drain Output
SCL
Serial Clock Input
NC
No-Connect
VCC
Power Supply
GND
Ground
Ordering Information
ACE34AC04 XX + X H
Pb - free
U:Tube
T:Tape and Reel
FM:SOP-8
TM:TSSOP-8
UA8:USON3*2-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com