Electronic Components Datasheet Search
  English  ▼

X  

ACE34AC04 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE34AC04
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE34AC04 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
1
Description
The ACE34AC04 is a 1.7V rated minimum operating voltage Serial EEPROM device containing
4096-bits of Serially Electrically Erasable and Programmable Read-Only Memory (EEPROM) organized
as 512-bytes of eight bits each. The Serial EEPROM operation is tailored specifically for DRAM memory
modules with Serial Presence Detect (SPD) to store a
module‟s vital product data such as the module‟s
size, speed, voltage, data width, and timing parameters. The ACE34AC04 is protocol compatible with the
legacy JEDEC EE1002 specification (2-Kbit) devices enabling the ACE34AC04 to be utilized in legacy
applications without any software changes. The device is designed to respond to specific software
commands that allow users to identify and set which half of the memory the internal address counter is
located. This special page addressing method to select the upper or lower half of the Serial EEPROM is
what facilitates legacy compatibility. However, there is one exception to the legacy compatibility as the
ACE34AC04 does not support the Permanent Write Protection feature. Additionally, the ACE34AC04
incorporates a Reversible Software Write Protection (RSWP) feature enabling the capability to selectively
write protect any or all of the four 128-byte quadrants. Once the RSWP is set, it can only be reversed by
sending a specific software command sequence. The ACE34AC04 supports the industry standard 2-wire
I2C Fast-Mode Plus (FM+) serial interface allowing device communication to operate at up to 1MHz. A
bus timeout feature is supported to help prevent system lock-ups. The ACE34AC04 is available in space
saving SOP, TSSOP, and UDFN packages.
Features
Low voltage and low power operations:
ACE34AC04: VCC = 1.7V to 3.6V, Industrial temperature range (-40℃ to 85℃).
Maximum Standby current < 1µA .
JEDEC JC42.4 (EE1004-v) Serial Presence Detect (SPD) Compliant
Individually reversible software write protection on all four 128-byte quadrants.
16 bytes page write mode.
Partial page write operation allowed.
Industy standard 100kHz, 400 kHz,and 1MHz I2C interface.
Schmitt trigger, filtered inputs for noise protection.
Self-timed programming cycle (5ms maximum).
Bus Timeout Supported
Automatic erase before write operation.
High reliability: typically 1,000,000 cycles endurance.
100 years data retention.
Standard 8-lead JEDEC SOP, 8-lead TSSOP, and 8-pad USON3*2-8 Pb-free packages.


Similar Part No. - ACE34AC04

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE3400 ACE-ACE3400 Datasheet
262Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE3400 ACE-ACE3400 Datasheet
646Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.4
ACE3400B ACE-ACE3400B Datasheet
520Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE3400BM+H ACE-ACE3400BM+H Datasheet
262Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE3400BM+H ACE-ACE3400BM+H Datasheet
646Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.4
More results

Similar Description - ACE34AC04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com