Electronic Components Datasheet Search
  English  ▼

X  

MPC5676R Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC5676R
Description  MPC5676R Microcontroller Data Sheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5676R Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC5676R Datasheet HTML 12Page - NXP Semiconductors MPC5676R Datasheet HTML 13Page - NXP Semiconductors MPC5676R Datasheet HTML 14Page - NXP Semiconductors MPC5676R Datasheet HTML 15Page - NXP Semiconductors MPC5676R Datasheet HTML 16Page - NXP Semiconductors MPC5676R Datasheet HTML 17Page - NXP Semiconductors MPC5676R Datasheet HTML 18Page - NXP Semiconductors MPC5676R Datasheet HTML 19Page - NXP Semiconductors MPC5676R Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
MPC5676R Microcontroller Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
16
Figure 6. VRC 1.2V buck SMPS LDO configuration with external MOS - Schottky diode
Table 9. VRC LDO recommended external devices
Part Name
Part Type
Nominal
Description
NJD2873
NPN
ON Semiconductor TM
Beta (Bf)
From 60 to 550
Vbe
From 0.4 V to 1.0 V
Vce
From 0.2 V to 0.6 V depends on package / power
Capacitor
6 x 4.7 uF - 20 V Ceramic low ESR—One for each VDD pin
Capacitor
6 x 0.1 uF - 20 V Ceramic —One capacitor for each VDD pin
Capacitor
20 uF
Supply decoupling cap (close to bipolar collector)
Capacitor
2.2 uF
Snubber cap, required with NJD2873 (on bipolar base)
Resistor
12
Optional ESR for snubber cap
MCU
Mandatory decoupling capacitor
network
VDDREG
VRCCTL
VDD1p2
VSS
No VRCCTL capacitor is allowed
IPP_INA_SMPS_SEL5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com